Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM11A-A Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LM11A-A
Description  LINEARlight Flex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LM11A-A Datasheet(HTML) 1 Page - OSRAM GmbH

  LM11A-A Datasheet HTML 1Page - OSRAM GmbH LM11A-A Datasheet HTML 2Page - OSRAM GmbH LM11A-A Datasheet HTML 3Page - OSRAM GmbH LM11A-A Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM11A
LINEARlight Flex
Data Sheet
Picture for
Datasheet
is missing
!!!
Benefits
Linear separable LED strip on flexible
printed circuit board with self-adhesive back
Low profile
Available in various colors
Minimal heat generation
Applications
Illuminated signs, corona effect
Channel letters
Accentlighting of curved outlines or
columns
Color
Voltage
[V DC]*
Power
[W]*
Radiance
Angle [°]*
Wavelength [nm]
Color Temp [K]*
Lum. Flux
[lm]*
Current
[A]*
Product
Number of
LEDs
Technical Operating Data
white
10
30,0
120
6500 K
1000
3
LM11A-W3-865
300
white
10
30,0
120
6500 K
405
3
LM11A-W1-865**
300
white
10
30,0
120
5400 K
1000
3
LM11A-W3-854
300
white
10
30,0
120
5400 K
405
3
LM11A-W1-854**
300
white
10
30,0
120
4700 K
1000
3
LM11A-W3-847
300
white
10
30,0
120
4700 K
405
3
LM11A-W1-847**
300
red
10
15,0
120
615 nm
117
1,5
LM11A-A
300
yellow
10
22,5
120
587 nm
405
2,25
LM11A-Y1
300
green
10
30,0
120
528 nm
147
3
LM11A-T
300
blue
10
30,0
120
470 nm
37
3
LM11A-B
300
All Data are related to the entire module
Due to the special conditions of the manufacturing processes of LED the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
*)
+) Preliminary Data
**) Discontinued
Technical Features
One reel comes with one LED-band
Light emission in parallel to the mounting
surface
Entire Module consists of 300 LEDs
Size of printed circuit board (L x W x H):
4200 mm x 10 mm x 5 mm
Size of smallest unit 4 LED (L x W):
56 mm x 10 mm
Adhesive tape on backside
Easy connection with CONNECTsystem
LM-xx Flex: Feeder LM-2PIN Flex and
Connector LM-CONN-10 Flex
Dimmable by pulse width modulation (PWM)
with the electronic controller OT DIM
Only parallel connection allowed
Modules optimized for use with OSRAM
OPTOTRONIC® power supplies.
Page 1 of 4
LM11A - 25.03.2008


Similar Part No. - LM11A-A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM110 NSC-LM110 Datasheet
348Kb / 16P
Voltage Follower
logo
Intersil Corporation
LM110 INTERSIL-LM110 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Rochester Electronics
LM110 ROCHESTER-LM110 Datasheet
813Kb / 1P
VERSATILE VOLTAGE FOLLOWER from the LM110 series of Op Amps
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
Full Size HCMOS/TTL Compatible Oscillators
logo
SEMTECH ELECTRONICS LTD...
LM1100 SEMTECH_ELEC-LM1100 Datasheet
418Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - LM11A-A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
Product Information Bulletin LINEARlight Flex Top Colormix
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
LINEARlight Flex
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
LINEARlight Colormix Flex
logo
List of Unclassifed Man...
70105 ETC2-70105 Datasheet
419Kb / 4P
LINEARlight FLEX TOPLED Flexible White or Colored LED Strips
logo
OSRAM GmbH
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
LINEARlight Colormix Flex Protect
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
LINEARlight Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
LINEARLIGHT FLEX ECO
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
LINEARlight Flex Protect ADVANCED
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
LINEARlight POWER Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com