Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 2 Page - Texas Instruments

  LP2985 Datasheet HTML 1Page - Texas Instruments LP2985 Datasheet HTML 2Page - Texas Instruments LP2985 Datasheet HTML 3Page - Texas Instruments LP2985 Datasheet HTML 4Page - Texas Instruments LP2985 Datasheet HTML 5Page - Texas Instruments LP2985 Datasheet HTML 6Page - Texas Instruments LP2985 Datasheet HTML 7Page - Texas Instruments LP2985 Datasheet HTML 8Page - Texas Instruments LP2985 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
LP2985
150-mA LOW-NOISE LOW-DROPOUT REGULATOR
WITH SHUTDOWN
SLVS522K – JULY 2004 – REVISED MARCH 2008
ORDERING INFORMATION
PART
VOUT
ORDERABLE
TOP-SIDE
TJ
PACKAGE(1)
GRADE
(NOM)
PART NUMBER
MARKING(2)
Reel of 3000
LP2985A-18DBVR
1.8 V
LPT_
Reel of 250
LP2985A-18DBVT
Reel of 3000
LP2985A-25DBVR
2.5 V
LPU_
Reel of 250
LP2985A-25DBVT
Reel of 3000
LP2985A-28DBVR
2.8 V
LPJ_
Reel of 250
LP2985A-28DBVT
Reel of 3000
LP2985A-29DBVR
A grade:
2.9 V
LPZ_
1% tolerance
Reel of 250
LP2985A-29DBVT
Reel of 3000
LP2985A-30DBVR
3.0 V
LRA_
Reel of 250
LP2985A-30DBVT
Reel of 3000
LP2985A-33DBVR
3.3 V
LPK_
Reel of 250
LP2985A-33DBVT
Reel of 3000
LP2985A-50DBVR
5.0 V
LRI_
Reel of 250
LP2985A-50DBVT
–40
°C to 125°C
SOT-23-5 – DBV
Reel of 3000
LP2985-18DBVR
1.8 V
LPH_
Reel of 250
LP2985-18DBVT
Reel of 3000
LP2985-25DBVR
2.5 V
LPL_
Reel of 250
LP2985-25DBVT
Reel of 3000
LP2985-28DBVR
2.8 V
LPG_
Reel of 250
LP2985-28DBVT
Reel of 3000
LP2985-29DBVR
Standard grade:
2.9 V
LPM_
1.5% tolerance
Reel of 250
LP2985-29DBVT
Reel of 3000
LP2985-30DBVR
3.0 V
LPN_
Reel of 250
LP2985-30DBVT
Reel of 3000
LP2985-33DBVR
3.3 V
LPF_
Reel of 250
LP2985-33DBVT
Reel of 3000
LP2985-50DBVR
5.0 V
LPS_
Reel of 250
LP2985-50DBVT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
The actual top-side marking has one additional character that designates the assembly/test site.
2
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com