Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1996 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # LX1996
Description  Multi-string LED Back-light Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1996 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button LX1996 Datasheet HTML 14Page - Microsemi Corporation LX1996 Datasheet HTML 15Page - Microsemi Corporation LX1996 Datasheet HTML 16Page - Microsemi Corporation LX1996 Datasheet HTML 17Page - Microsemi Corporation LX1996 Datasheet HTML 18Page - Microsemi Corporation LX1996 Datasheet HTML 19Page - Microsemi Corporation LX1996 Datasheet HTML 20Page - Microsemi Corporation LX1996 Datasheet HTML 21Page - Microsemi Corporation LX1996 Datasheet HTML 22Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LX1996
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 21
Copyright
© 2007
Rev. 1.0, 2007-12-14
Multi-string LED Back-light Controller
TM
®
PCB LAYOUT GUIDE
GND
C3
4.7uF/50V
R5
100k
R6
22.1k
R3
68.1k
C7
C2
2.2nF
C1
0.1uF
R4
4.99k
Thermistor
R2
1M
L1
SLF6028T-4R7M1R6-PF
U1
LX1996
Vcc
24
EN
1
+5V
2
DSEL1
3
DSEL2
4
DI
5
OT
6
AGND
12
PRG
11
RT
8
CT
9
CLF
10
PWM
7
CS2
14
N/C
23
CS1
13
CS6
18
CS5
17
CS4
16
CS3
15
OVP
19
PGND
20
SRC
21
DRV
22
Q1
Si2308DS
R1
0.075
J2
FH12F-10S-0.5SH
1
2
3
4
5
6
7
8
9
10
D1
1N5819
C5
4.7uF
R7
N/U
C4
J1
SM07B-SRSS-TB
1
2
3
4
5
6
7
F1
3.15 A
5V
5V
5V
SOT23
1206
Powermite
Unless otherwise specified:
- PCB dimension = 10mm x 40mm
- All resistors are in ohm, and 0603 size
- All capacitors size are 0603
Vin (6 - 28V)
EN
DI
PWM
GND
6 x 6 mm
6.4 x 9.1mm
4.95 x 8mm
5V
DSEL1
100k
R8
Figure 2 – LX1996 Example Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com