Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17904FPJ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA17904FPJ
Description  Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17904FPJ Datasheet(HTML) 7 Page - Renesas Technology Corp

  HA17904FPJ Datasheet HTML 1Page - Renesas Technology Corp HA17904FPJ Datasheet HTML 2Page - Renesas Technology Corp HA17904FPJ Datasheet HTML 3Page - Renesas Technology Corp HA17904FPJ Datasheet HTML 4Page - Renesas Technology Corp HA17904FPJ Datasheet HTML 5Page - Renesas Technology Corp HA17904FPJ Datasheet HTML 6Page - Renesas Technology Corp HA17904FPJ Datasheet HTML 7Page - Renesas Technology Corp HA17904FPJ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HA17904 Series
Rev.1.00 Jun 15, 2005 page 7 of 7
Package Dimensions
7.62
DP-8B
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
9.6
6.3
5.06
MASS[Typ.]
0.51g
A
Z
b
D
E
A
b
c
θ
e
L
1
1
p
3
e
0.5
0.58
1.3
0.20
0.25
0.35
2.29
2.54
2.79
0
°
15
°
PRDP0008AF-A
P-DIP8-6.3x9.6-2.54
10.6
7.4
0.38
0.48
1.27
2.54
1
p
3
14
85
0.89
c
Z
e
b
b
D
e
θ
PRSP0008DE-B
P-SOP8-4.4x4.85-1.27
A
L
e
c
b
D
E
A
b
c
θ
x
y
H
Z
L
2
1
1
E
1
MASS[Typ.]
0.1g
4.85
1.05
0.12
0
°
8
°
6.5
0.15
0.20
0.25
0.45
0.00
0.1
0.20
4.4
0.42
0.60
0.85
2.03
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
Previous Code
JEITA Package Code
RENESAS Code
FP-8DGV
5.25
1
A
p
0.35
0.4
6.75
6.35
1.27
0.15
0.75
5
8
4
F
*1
*3
p
M
x
y
1
Index mark
Z
b
D
p
Terminal cross section
( Ni/Pd/Au plating )
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com