Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM723C Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM723C
Description  HIGH PRECISION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM723C Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM723C Datasheet HTML 5Page - STMicroelectronics LM723C Datasheet HTML 6Page - STMicroelectronics LM723C Datasheet HTML 7Page - STMicroelectronics LM723C Datasheet HTML 8Page - STMicroelectronics LM723C Datasheet HTML 9Page - STMicroelectronics LM723C Datasheet HTML 10Page - STMicroelectronics LM723C Datasheet HTML 11Page - STMicroelectronics LM723C Datasheet HTML 12Page - STMicroelectronics LM723C Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LM723
9/16
Figure 15 : Negative Voltage Regulator
Typical performance
Regulated Output Voltage.................15V
Line Regulation (
∆V
I = 3V)...............1mV
Load Regulation (
∆I
O = 100mA)......2mV
Figure 16 : Positive Voltage Regulator (External NPN Pass Transistor)
Typical performance
Regulated Output Voltage................15V
Line Regulation (
∆V
I = 3V)...........1.5mV
Load Regulation (
∆I
O = 1A)...........15mV
Figure 17 : Positive Voltage Regulator (External PNP Pass Transistor)
Typical performance
Regulated Output Voltage...................5V
Line Regulation (
∆V
I = 3V)...........0.5mV
Load Regulation (
∆I
O = 1A)..........1.5mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com