Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM833 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM833
Description  LOW NOISE DUAL OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM833 Datasheet(HTML) 2 Page - STMicroelectronics

  LM833 Datasheet HTML 1Page - STMicroelectronics LM833 Datasheet HTML 2Page - STMicroelectronics LM833 Datasheet HTML 3Page - STMicroelectronics LM833 Datasheet HTML 4Page - STMicroelectronics LM833 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18 or +36
V
Vid
Differential Input Voltage - (note 1)
±30
V
Vi
Input Voltage - (note 1)
±15
V
Output Short-Circuit Duration - (note 2)
Infinite
Toper
Operating Free-air Temperature Range
-40 to +105
oC
Tj
Maximum Junction Temperature
+150
oC
Tstg
Storage Temperature
-65 to +150
oC
Ptot
Maximum Power Dissipation - (note 2)
500
mW
Notes :
1.
Either or both input voltages must not exceed the magnitude of VCC
+ or VCC-
2.
Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded
Inverting
Input
Non-inverting
Input
V
CC
Output
V
CC
SCHEMATIC DIAGRAM (1/2 LM833)
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±2.5 to ±15
V
LM833
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com