Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7133LA55G Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 7133LA55G
Description  HIGH SPEED 2K X 16 DUAL-PORT SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7133LA55G Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 7133LA55G Datasheet HTML 11Page - Renesas Technology Corp 7133LA55G Datasheet HTML 12Page - Renesas Technology Corp 7133LA55G Datasheet HTML 13Page - Renesas Technology Corp 7133LA55G Datasheet HTML 14Page - Renesas Technology Corp 7133LA55G Datasheet HTML 15Page - Renesas Technology Corp 7133LA55G Datasheet HTML 16Page - Renesas Technology Corp 7133LA55G Datasheet HTML 17Page - Renesas Technology Corp 7133LA55G Datasheet HTML 18Page - Renesas Technology Corp 7133LA55G Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
6.42
7133SA/LA, 7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
17
Jun.16.21
Ordering Information
NOTES:
1. Contact your local sales office for industrial temp. range for other speeds, packages and powers.
2. Greenpartsavailable.Forspecificspeeds,packagesandpowerscontactyourlocalsalesoffice.
LEAD FINISH (SnPb) parts are Obsolete excluding PGA and Flatpack. Product Discontinuation Notice - PDN# SP-17-02
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
B
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
Military (-55
°C to +125°C)
Compliant to MIL-PRF-38535 QML
J
G
F
PF
68-pin PLCC (PLG68)
68-pin PGA (GU68)
68-pin Flatpack (FP68)
100-pin TQFP (PNG100)
20
25
35
45
55
70
90
XXXXX
Device
Type
Speed in nanoseconds
2746 drw 16
LA
SA
Low Power
Standard Power
7133
7143
32K (2K x 16-Bit) MASTER Dual-Port RAM
32K (2K x 16-Bit) SLAVE Dual-Port RAM
Commercial Only
Commercial & Industrial
Commercial & Military
Commercial Only
Commercial & Military
Commercial & Military
Commercial & Military
A
G(2)
Green
A
Blank
8
Tube or Tray
Tape and Reel
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
20
7133SA20G
GU68
PGA
C
25
7133SA25G
GU68
PGA
C
35
7133SA35FB
FP68
FPACK
M
7133SA35G
GU68
PGA
C
7133SA35GB
GU68
PGA
M
7133SA35PFG
PNG100
TQFP
C
7133SA35PFG8
PNG100
TQFP
C
45
7133SA45G
GU68
PGA
C
55
7133SA55FB
FP68
FPACK
M
7133SA55G
GU68
PGA
C
7133SA55GB
GU68
PGA
M
70
7133SA70G
GU68
PGA
C
7133SA70GB
GU68
PGA
M
90
7133SA90G
GU68
PGA
C
7133SA90GB
GU68
PGA
M
Note that information regarding recently obsoleted parts are included in this datasheet for customer convenience.
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
20
7133LA20G
GU68
PGA
C
7133LA20JG
PLG68
PLCC
C
7133LA20JG8
PLG68
PLCC
C
7133LA20PFG
PNG100
TQFP
C
7133LA20PFG8
PNG100
TQFP
C
25
7133LA25G
GU68
PGA
C
7133LA25JGI
PLG68
PLCC
I
7133LA25JGI8
PLG68
PLCC
I
7133LA25PFGI
PNG100
TQFP
I
7133LA25PFGI8
PNG100
TQFP
I
35
7133LA35FB
FP68
FPACK
M
7133LA35G
GU68
PGA
C
7133LA35GB
GU68
PGA
M
45
7133LA45G
GU68
PGA
C
55
7133LA55FB
FP68
FPACK
M
7133LA55G
GU68
PGA
C
7133LA55GB
GU68
PGA
M
70
7133LA70G
GU68
PGA
C
7133LA70GB
GU68
PGA
M
90
7133LA90G
GU68
PGA
C
7133LA90GB
GU68
PGA
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com