Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7130LA55C Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7130LA55C
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7130LA55C Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7130LA55C Datasheet HTML 15Page - Renesas Technology Corp 7130LA55C Datasheet HTML 16Page - Renesas Technology Corp 7130LA55C Datasheet HTML 17Page - Renesas Technology Corp 7130LA55C Datasheet HTML 18Page - Renesas Technology Corp 7130LA55C Datasheet HTML 19Page - Renesas Technology Corp 7130LA55C Datasheet HTML 20Page - Renesas Technology Corp 7130LA55C Datasheet HTML 21Page - Renesas Technology Corp 7130LA55C Datasheet HTML 22Page - Renesas Technology Corp 7130LA55C Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
7130SA/LA and 7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
Jul.12.21
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
25
7130SA25L48B
LC48
LCC
M
35
7130SA35C
SB48
SB
C
7130SA35CB
SB48
SB
M
7130SA35L48B
LC48
LCC
M
55
7130SA55C
SB48
SB
C
7130SA55CB
SB48
SB
M
7130SA55L48B
LC48
LCC
M
100
7130SA100C
SB48
SB
C
7130SA100CB
SB48
SB
M
7130SA100L48B
LC48
LCC
M
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
20
7140LA20JG
PLG52
PLCC
C
7140LA20JG8
PLG52
PLCC
C
25
7140LA25PFG
PNG64
TQFP
C
7140LA25PFG8
PNG64
TQFP
C
35
7140LA35CB
SB48
SB
M
7140LA35FB
FP48
FPACK
M
7140LA35L48B
LC48
LCC
M
7140LA35PDG
PDG48
PDIP
C
55
7140LA55CB
SB48
SB
M
7140LA55L48B
LC48
LCC
M
100
7140LA100CB
SB48
SB
M
7140LA100L48B
LC48
LCC
M
7140LA100PDG
PDG48
PDIP
C
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
35
7140SA35CB
SB48
SB
M
7140SA35L48B
LC48
LCC
M
55
7140SA55CB
SB48
SB
M
7140SA55L48B
LC48
LCC
M
100
7140SA100CB
SB48
SB
M
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
20
7130LA20JG
PLG52
PLCC
C
7130LA20JG8
PLG52
PLCC
C
7130LA20PFG
PNG64
TQFP
C
7130LA20PFG8
PNG64
TQFP
C
7130LA20TFG
PPG64
STQFP
C
7130LA20TFG8
PPG64
STQFP
C
25
7130LA25JGI
PLG52
PLCC
I
7130LA25JGI8
PLG52
PLCC
I
7130LA25L48B
LC48
LCC
M
7130LA25PFGI
PNG64
TQFP
I
7130LA25PFGI8
PNG64
TQFP
I
7130LA25TFGI
PPG64
STQFP
I
35
7130LA35C
SB48
SB
C
7130LA35CB
SB48
SB
M
7130LA35FB
FP48
FPACK
M
7130LA35L48B
LC48
LCC
M
7130LA35PDG
PDG48
PDIP
C
55
7130LA55C
SB48
SB
C
7130LA55CB
SB48
SB
M
7130LA55FB
FP48
FPACK
M
7130LA55L48B
LC48
LCC
M
7130LA55PDGI
PDG48
PDIP
I
100
7130LA100C
SB48
SB
C
7130LA100CB
SB48
SB
M
7130LA100L48B
LC48
LCC
M
7130LA100PDG
PDG48
PDIP
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com