Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021A Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # AT25DF021A
Description  2-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF021A Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button AT25DF021A Datasheet HTML 31Page - Renesas Technology Corp AT25DF021A Datasheet HTML 32Page - Renesas Technology Corp AT25DF021A Datasheet HTML 33Page - Renesas Technology Corp AT25DF021A Datasheet HTML 34Page - Renesas Technology Corp AT25DF021A Datasheet HTML 35Page - Renesas Technology Corp AT25DF021A Datasheet HTML 36Page - Renesas Technology Corp AT25DF021A Datasheet HTML 37Page - Renesas Technology Corp AT25DF021A Datasheet HTML 38Page - Renesas Technology Corp AT25DF021A Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
DS-AT25DF021A-042 Rev. L
Page 35
8/7/23
© 2023 Renesas Electronics
AT25DF021A Datasheet
11.3 Write Status Register
The Write Status Register command is used to modify the SPRL bit of the Status Register and/or to perform a
Global Protect or Global Unprotect operation. Before the Write Status Register command can be issued, the Write
Enable command must have been previously issued to set the WEL bit in the Status Register to a logical 1.
To issue the Write Status Register command, the CS pin must first be asserted and the opcode of 01h must be
clocked into the device followed by one byte of data. The one byte of data consists of the SPRL bit value, a don’t
care bit, four data bits to denote whether a Global Protect or Unprotect must be performed, and two additional
don’t care bits (see Table 11). Any additional data bytes that are sent to the device are ignored. When the CS pin
is deasserted, the SPRL bit in the Status Register is modified, and the WEL bit in the Status Register is reset back
to a logical 0. The values of bits 5, 4, 3, and 2 and the state of the SPRL bit before the Write Status Register
command was executed (the prior state of the SPRL bit) determines whether or not a Global Protect or Global
Unprotect is performed. See the “Global Protect/Unprotect” on page 25 for more details.
The complete one byte of data must be clocked into the device before the CS pin is deasserted; otherwise, the
device stops the operation, the state of the SPRL bit does not change, no potential Global Protect or Unprotect is
performed, and the WEL bit in the Status Register is reset back to the logical 0 state.
If the WP pin is asserted, then the SPRL bit can only be set to a logical 1. If an attempt is made to reset the SPRL
bit to a logical 0 while the WP pin is asserted, then the Write Status Register command is ignored, and the WEL bit
in the Status Register is reset back to the logical 0 state. In order to reset the SPRL bit to a logical 0, the WP pin
must be deasserted.
Figure 28. Write Status Register
Table 11. Write Status Register Format
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
SPRL
X
Global Protect/Unprotect
X
X
SCK
CS
SI
SO
MSB
23
1
0
0000000
67
5
410 11
9
814 15
13
12
OPCODE
MSB
1
D
X
DDDD
X
X
STATUS REGISTER IN
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com