Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # THS02
Description  TYPE ‘T’ PLUG MOUNTED FOOD PROBE KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THS02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  THS02 Datasheet HTML 1Page - List of Unclassifed Manufacturers THS02 Datasheet HTML 2Page - List of Unclassifed Manufacturers THS02 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
THA02 Air Probe
The probe is designed for testing fridges, ovens and heating cabinets.
Construction
Air probe with exposed thermocouple sensor protected by a perforated stainless steel sheath.
Insulated in ceramic sheaths. Sensor stem is 4mm diameter and 100mm long, the sensor is approx
15mm from the stem end.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of value in moving gas)
: 0.1 Secs
MEASUREMENT RANGE
: -100 TO 400 °C
THP05 Needle Probe
The probe is designed for penetration of semi-solid products
Construction
Needle is 3.3mm diameter and 110mm long with a sensor welded to the tip.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of value in water)
: 1.6 Secs
MEASUREMENT RANGE
: -100 TO 250 °C
TH01 Handle
Designed for the above probes which enables the user to convert the plug mounted probes into standard
length probes
Construction
Handle which includes miniature thermocouple socket into which any one of the TME plug mounted
probes may be inserted. Complete with 2M curly polyurethane cable with moulded connector.
Complete waterproof assembly. Measures 135 x 15mm
TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This results in a solid handle as opposed to a hollow handle. This is particularly important as there is often
damage to the handles caused by excess heat. With a hollow handle it is possible to puncture the outer plastic
and damage the sensor irreparably.
WATERPROOF HANDLE
Due to the total encapsulation method used, all TME probe handles are completely waterproof.
TOUGH POLYURETHANE CABLE
Polyurethane cables are used in place of the standard PVC for the following reasons :-
Greater retractability
Enhanced memory of its curl
Non–Toxic
Greater mechanical strength for durability
12 X 0.2mm wires used internally for greater strength.
PTFE inner insulation for strength and retractability.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘T’ Thermocouple : ½ Class I
(±0.25°C ±0.15%)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com