Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1032 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 1032
Description  Time Electronics Ltd. [TIME-ELECTRONICS]^2907
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

1032 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  1032 Datasheet HTML 1Page - Time Electronics Ltd. 1032 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1030 MicroCal Voltage & Current Source
Time Electronics
Calibration, Test & Measurement
 10mV, 100mV, 1V ranges
 10mA, 100mA ranges
 0.1% accuracy
 0 - 8V available
 Precision 10-turn dial
 Battery Powered 9V PP3
 Battery level indicator
The 1030 is a compact, low cost, portable voltage and current calibrator for general purpose
signal injection. It is suitable for voltage and current loop signal simulation as well as
thermocouple simulation. The precision 10-turn dial provides a conventional feel to setting
the output with a setting resolution of 1 part in a 1000 (0.1%)
Three voltage ranges give an adjustable output from 10uV to 1V and two current ranges for
10uA to 100mA.
An additional 0 to 8V output can be obtained by using a precision 1Kohm resistor that is
supplied with the unit. The resistor is connected across the output terminals and the 10mA
current range selected. This allows the output to be set between 0 and +/- 8V with a 10mV
resolution and an accuracy of 0.3% of full scale.
The 1030 is simple to operate and does not require any standardisation prior to use. The
operator needs only to switch on, check the battery condition, and set the required range and
output value.
The 1030 is supplied with a leatherette carry case.
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.com
V1b 20/06/08


Similar Part No. - 1032

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1032 LATTICE-1032 Datasheet
151Kb / 12P
In-System Programmable High Density PLD
logo
Fairchild Semiconductor
1032 FAIRCHILD-1032 Datasheet
39Kb / 2P
Performance Restrictions Associated
logo
List of Unclassifed Man...
1032 ETC-1032 Datasheet
103Kb / 1P
Heyco-Flex?줞ounting Brackets
logo
Heyco.
1032 HEYCO-1032 Datasheet
102Kb / 1P
Heyco-Flex™Mounting Brackets
logo
Ashcroft, Inc.
1032 ASHCROFT-1032 Datasheet
1Mb / 4P
1032 Sanitary Pressure Gauge
RevK_11-20-23
More results

Similar Description - 1032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDF16 ETC2-MDF16 Datasheet
17Kb / 1P
ROXBURGH ELECTRONICS LTD
logo
Pran Electronics Pvt. L...
601S2_043 PRAN-601S2_043 Datasheet
273Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMD3560 PRAN-SMD3560_04 Datasheet
300Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMD4545 PRAN-SMD4545_02 Datasheet
310Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMD4545 PRAN-SMD4545_04 Datasheet
256Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMD5252_05DP PRAN-SMD5252_05DP Datasheet
325Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMD5252_07DP PRAN-SMD5252_07DP Datasheet
371Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMDMINI PRAN-SMDMINI_04 Datasheet
318Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMDMINI PRAN-SMDMINI_06 Datasheet
330Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
SMDMINI PRAN-SMDMINI_18 Datasheet
251Kb / 1P
PRAN ELECTRONICS PVT. LTD. INDIA.
REV.00 DATE 08/04/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com