Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT027TO65G3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SCT027TO65G3
Description  Silicon carbide Power MOSFET 650 V, 29 mΩ typ., 60 A in a TO-LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT027TO65G3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SCT027TO65G3 Datasheet HTML 2Page - STMicroelectronics SCT027TO65G3 Datasheet HTML 3Page - STMicroelectronics SCT027TO65G3 Datasheet HTML 4Page - STMicroelectronics SCT027TO65G3 Datasheet HTML 5Page - STMicroelectronics SCT027TO65G3 Datasheet HTML 6Page - STMicroelectronics SCT027TO65G3 Datasheet HTML 7Page - STMicroelectronics SCT027TO65G3 Datasheet HTML 8Page - STMicroelectronics SCT027TO65G3 Datasheet HTML 9Page - STMicroelectronics SCT027TO65G3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 7. Maximum continuous drain current vs case
temperature
GPDP191120241611DCT
60
50
40
30
20
10
0
-75
-25
25
75
125
175
ID
(A)
TC (°C)
Bonding wire limit
TJ= 175 °C
Figure 8. Normalized breakdown voltage vs temperature
GPDP201120241356BDV
1.2
1.1
1.0
0.9
0.8
0.7
-75
-25
25
75
125
175
V(BR)DSS
(norm.)
TJ (°C)
ID = 1 mA
Figure 9. Normalized gate threshold vs temperature
GPDP191120241613VTH
1.4
1.2
1.0
0.8
0.6
0.4
-75
-25
25
75
125
175
VGS(th)
(norm.)
TJ (°C)
ID = 5 mA
Figure 10. Normalized on-resistance vs temperature
GPDP280120250936RON
2.0
1.5
1.0
0.5
0.0
-75
-25
25
75
125
175
RDS(on)
(norm.)
TJ (°C)
VGS = 18 V
Figure 11. Typical capacitance characteristics
GPDP191120241621CVR
10 3
10 2
10 1
10 -1
10 0
10 1
10 2
C
(pF)
VDS (V)
Ciss
Coss
Crss
f = 1 MHz
Figure 12. Typical gate charge characteristics
GPDP191120241621QVG
16
12
8
4
0
-4
-8
0
10
20
30
40
50
VGS
(V)
Qg (nC)
ID = 30 A
VDD = 400 V
SCT027TO65G3
Electrical characteristics
DS14846 - Rev 2
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com