Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT080 Datasheet(PDF) 1 Page - Pomona Electronics

Part # PT080
Description  High Density Pin Tip Plug, Each End
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

PT080 Datasheet(HTML) 1 Page - Pomona Electronics

  PT080 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (.51 mm), .xxx = ± .005” (.127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
10/1/07
D1095064
Rev. 100
www.pomonaelectronics.com
Page 1 of 1
Model PT080
High Density Pin Tip Plug,
Each End
Sales: 800-490-2361 Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
FEATURES:
•
Mate to Model #3542, 4773 or any other standard .08 inch pin jack.
•
Ideal for use as jumper wires on chassis boxes.
MATERIALS:
Conn: Pin Tip Plug
Material: Brass Per QQ-B-626, Alloy 360, ½ Hard.
Finish: Gold plated per MIL-G-45204, Type II, Class 00 over electroless nickel per MIL-C-26074,
Class I, 200/300 microinches.
Insulation: Polypropylene molded to plug body and wire.
Color: Matches color of wire.
Marking: “POMONA ELECTRONICS CALIF.”
Wire: 22 AWG, stranding 19 x 34, t.c., PVC insulated, 1.63 (.064) O.D.
Color: See Ordering Information.
Marking: “POMONA PT080-XX”
RATINGS:
Operating Temperature: +55ºC (+131ºF) Max
Operating Voltage: 1000 WVDC
Current: 3 Amperes Cont.
ORDERING INFORMATION: Model PT080-XX-*
XX = Cable Lengths, Standard Lengths: 8” (203mm)
Additional lengths can be quoted upon request.
*= Color, -0 Black, -2 Red
Ordering Example: PT080-8-2, Indicates 8” in length, Color is Red


Similar Part No. - PT080

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PT0801ARN-0 POWERTIP-PT0801ARN-0 Datasheet
1Mb / 65P
OUTLINE DIMENSION & BLOCK DIAGRAM
PT0801ARN-F POWERTIP-PT0801ARN-F Datasheet
1Mb / 65P
OUTLINE DIMENSION & BLOCK DIAGRAM
PT0801ARS-0 POWERTIP-PT0801ARS-0 Datasheet
1Mb / 65P
OUTLINE DIMENSION & BLOCK DIAGRAM
PT0801ARS-F POWERTIP-PT0801ARS-F Datasheet
1Mb / 65P
OUTLINE DIMENSION & BLOCK DIAGRAM
PT0801AZN-0 POWERTIP-PT0801AZN-0 Datasheet
1Mb / 65P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PT080

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1440 POMONA-1440 Datasheet
18Kb / 1P
Horizontal Stacking Banana Plug Each End
2864 POMONA-2864 Datasheet
21Kb / 1P
Stacking Right Angle Banana Plug Each End
2948 POMONA-2948 Datasheet
23Kb / 1P
Stacking Standard Banana Plug Each End
3452 POMONA-3452 Datasheet
30Kb / 1P
Shorting Bar Pin Tip Plug
5173 POMONA-5173 Datasheet
25Kb / 1P
Pin Tip Plug
P124- POMONA-P124- Datasheet
27Kb / 1P
Model P Stacking Pin Tip Plug, Each End
logo
3M Electronics
1432-0 3M-1432-0 Datasheet
22Kb / 1P
Banana Jack To Pin Tip Plug
09-Jun-1999
P-18-0 3M-P-18-0 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Each End
21-May-2002
logo
List of Unclassifed Man...
BU-P3452 ETC2-BU-P3452 Datasheet
180Kb / 1P
Shorting Bar Pin Tip Plug
logo
Pomona Electronics
P-36-0 POMONA-P-36-0 Datasheet
27Kb / 1P
Model P Stacking Pin Tip Plug, Each End
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com