Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBK10 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LNBK10
Description  LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBK10 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LNBK10 Datasheet HTML 7Page - STMicroelectronics LNBK10 Datasheet HTML 8Page - STMicroelectronics LNBK10 Datasheet HTML 9Page - STMicroelectronics LNBK10 Datasheet HTML 10Page - STMicroelectronics LNBK10 Datasheet HTML 11Page - STMicroelectronics LNBK10 Datasheet HTML 12Page - STMicroelectronics LNBK10 Datasheet HTML 13Page - STMicroelectronics LNBK10 Datasheet HTML 14Page - STMicroelectronics LNBK10 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TYPICAL APPLICATION SCHEMATICS
JA
JB
ANT CONNECTORS
17V
24V
MCU+V
VCC1
1
VCC2
2
LNBA
3
LNBB
15
GND
8
LLC
12
EXTM
11
OSEL
7
EN
5
ENT
9
VSEL
4
OLF
13
MI
14
CEXT
10
LNBK20CR
C2
10uF
R1
47K
AUX DATA
C3
2x 0.1
µF
C1
4.7
µFC4
C6
C5
2x 47nF
TUNER
I/Os
MCU
I/Os
Vcc
+
SINGLE ANTENNA RECEIVER WITH MASTER RECEIVER PORT
24V
17V
MCU+V
VCC1
1
VCC2
2
LNBA
3
LNBB
15
GND
8
LLC
12
EXTM
11
OSEL
7
EN
5
ENT
9
VSEL
4
OLF
13
MI
14
CEXT
10
LNBK20CR
C2
10uF
AUX DATA
R1
47K
TUNER
ANT
MASTER
C4
C5
47nF
C3
2x 0.1
µF
C1
4.7
µF
I/Os
Vcc
MCU
I/Os
+
TWO ANTENNA PORTS RECEIVER
LNBK10 SERIES - LNBK20
11/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com