Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPHC22 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # PAPHC22
Description  Panel Actuators and Indicators Type PA2 Contact Block
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

PAPHC22 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  PAPHC22 Datasheet HTML 1Page - Carlo Gavazzi Holding AG PAPHC22 Datasheet HTML 2Page - Carlo Gavazzi Holding AG PAPHC22 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice. Pictures are just an example. For special features and/or custumization, please ask to our sales network. 122011
2
PA2110/1
• High switching power
• Double switch
• Industrial applications
• 10A switching capacity
• Up to 500VAC
• Modular mounting (up to 3 elements)
• Screw terminals
• High reliability
• cULus and CE
• According to EN ISO 13850 (only NC slow action)
• IEC/EN 60947-5-1, IEC/EN 60947-5-5, UL 508
Panel Actuators and Indicators
Type PA2
Contact Block
13
14
11
12
13
14
11
12
13
14
11
12
Type
Number of contacts
Contact code
Options ( 1 = Snap action
2 = Slow action with forced opening
NC contact
)
Ordering key
Product description
PA 2 110 / 1
Switching element equipped
with two independent elements.
Available in different switching
configurations. Pole and throw
configurations can be single
pole single throw (SPST) or
double
pole
single
throw
(DPST).
Elements can be snapped to each
other on the bottom, up to 3.
Dimensions mm/inches
2NO
Wiring diagram
13
14
23
24
1NO+1NC
2NC
1NO
1NC
Contact code
Contact configuration
2 NO contacts (DPST)
2 NC contacts (DPST)
1 NC contact (SPST)
1 NO contact (SPST)
1 NC + 1 NO contacts (DPST)
Contact code
200
020
010
100
110
Contact resistance
≤50mΩ
Travel
5.8 ± 0.2mm (2.28” ± 0.08”)
Rated insulation Voltage U
i
660VAC/DC (acc. to IEC 60947-5-1)
600VAC/DC (acc. to UL508)
Rated imp. withstand voltage U
imp
2500VAC 50Hz 1min.
Minimum switching power
Min Current
100mA
Min Voltage
24V
Switch housing
PC
Contact parts
Cu
Contact material
Standard
Hard silver
Optional
Gold/silver
Optional for aggressive atmospheres Silver/palladium
Operating temperature
-25 to +70°C (-13 to +158°F)
Storage temperature
-30 to +80°C (-22 to +176°F)
Terminals
Screw terminals
Max. section sigle-core wire
2 x 2.5mm2 (0.004sq.inch)
Max. section stranded wire
2 x 1.5mm2 (0.002sq.inch)
Copper conductor wire
14 AWG @ 60°C or 75°C
CU conductor
Terminal tightening torque
1.2Nm (10.6in.lb.)
32/1.26”
Technical data
Approvals
3MHG
Maximum current, amperes (acc. to UL508)
Maximum
volt-amperes
120V
240V
480V
600V
Make Break Make Break Make Break Make Break Make Break
A600
10
60
6.00
30
3.00
15
1.5
12
1.2
7200
720
B600
5
30
3.00
15
1.50
7.50
0.75
6
0.6
3600
360
Maximum current, amperes (acc. to UL508)
Maximum
make or break
volt-amperes
@ 300V or
less
125V
250V
301 to 600V
Q600
2.5
0.55
0.27
0.10
69
Q300
2.5
0.55
0.27
-
69
Contact characteristics
Contact Rating AC1
10A @ 250VAC
Contact Rating
AC15
DC13
(acc. to IEC 60947-5-1)
@ 24V
10A
6A
@ 110V
8A
1A
@ 220V
6A
0.5A
@ 380V
4A
-
@ 500V
2.5A
-
AC Contact Rating (acc. to UL 508)
A600
B600
B600 (all snap codes)
@ 120V
6A
3A
A600 (all slow codes)
@ 240V
3A
1.5A
@ 480V
1.5A
0.75A
@ 600V
1.2A
0.6A
DC Contact Rating (acc. to UL 508)
Q600
Q300
Q600 (all snap codes)
@ 125V
0.55A
0.55A
Q600 (100, 200 slow codes)
@ 250V
0.27A
0.27A
Q300 (010, 020, 110 slow codes)
@ 480V
0.10A
-
@ 600V
0.10A
-


Similar Part No. - PAPHC22

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PAP ALTECH-PAP Datasheet
203Kb / 1P
Padlock for 30 mm projecting actuator
logo
List of Unclassifed Man...
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC2-PAP-02V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC2-PAP-02V-S Datasheet
311Kb / 15P
PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC2-PAP-02V-S Datasheet
366Kb / 11P
FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
More results

Similar Description - PAPHC22

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
PANEL INDICATORS
logo
Fairchild Semiconductor
MV53173 FAIRCHILD-MV53173 Datasheet
333Kb / 4P
PANEL INDICATORS
logo
Toshiba Semiconductor
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
Panel Circuit Indicators
logo
List of Unclassifed Man...
PM3 ETC2-PM3 Datasheet
2Mb / 10P
PANEL MOUNT INDICATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com