Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640HCB70ZB6F Datasheet(PDF) 57 Page - Numonyx B.V

Part # M28W640HCB70ZB6F
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCB70ZB6F Datasheet(HTML) 57 Page - Numonyx B.V

Back Button M28W640HCB70ZB6F Datasheet HTML 53Page - Numonyx B.V M28W640HCB70ZB6F Datasheet HTML 54Page - Numonyx B.V M28W640HCB70ZB6F Datasheet HTML 55Page - Numonyx B.V M28W640HCB70ZB6F Datasheet HTML 56Page - Numonyx B.V M28W640HCB70ZB6F Datasheet HTML 57Page - Numonyx B.V M28W640HCB70ZB6F Datasheet HTML 58Page - Numonyx B.V M28W640HCB70ZB6F Datasheet HTML 59Page - Numonyx B.V M28W640HCB70ZB6F Datasheet HTML 60Page - Numonyx B.V M28W640HCB70ZB6F Datasheet HTML 61Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
M28W640HCT, M28W640HCB
Common Flash interface (CFI)
57/72
Table 29.
Primary algorithm-specific extended query table
Offset
P = 35h(1)
Data
Description
Value
(P+0)h = 35h
0050h
Primary algorithm extended query table unique ASCII string ‘PRI’
‘P’
(P+1)h = 36h
0052h
‘R’
(P+2)h = 37h
0049h
‘I’
(P+3)h = 38h
0031h
Major version number, ASCII
‘1’
(P+4)h = 39h
0030h
Minor version number, ASCII
‘0’
(P+5)h = 3Ah
0066h
Extended query table contents for primary algorithm. address
(P+5)h contains less significant byte.
bit 0Chip Erase supported(1 = Yes, 0 = No)
bit 1Suspend Erase supported(1 = Yes, 0 = No)
bit 2Suspend Program supported(1 = Yes, 0 = No)
bit 3Legacy Lock/Unlock supported(1 = Yes, 0 = No)
bit 4Queued Erase supported(1 = Yes, 0 = No)
bit 5Instant individual block locking supported(1 = Yes, 0 = No)
bit 6Protection bits supported(1 = Yes, 0 = No)
bit 7Page mode read supported(1 = Yes, 0 = No)
bit 8Synchronous read supported(1 = Yes, 0 = No)
bit 31 to 9Reserved; undefined bits are ‘0’
No
Yes
Yes
No
No
Yes
Yes
No
No
(P+6)h = 3Bh
0000h
(P+7)h = 3Ch
0000h
(P+8)h = 3Dh
0000h
(P+9)h = 3Eh
0001h
Supported functions after Suspend
Read Array, Read Status Register and CFI query are always
supported during erase or program operation
bit 0Program supported after Erase Suspend (1 = Yes, 0 = No)
bit 7 to 1Reserved; undefined bits are ‘0’
Yes
(P+A)h = 3Fh
0003h
Block Lock status
Defines which bits in the block Status Register section of the
query are implemented.
Address (P+A)h contains less significant byte
bit 0Block Lock Status Register Lock/Unlock bit active(1 = Yes, 0
= No)
bit 1Block Lock Status Register Lock-down bit active (1 = Yes, 0 =
No)
bit 15 to 2Reserved for future use; undefined bits are ‘0’
Yes
Yes
(P+B)h = 40h
0000h
(P+C)h = 41h
0030h
VDD logic supply optimum Program/Erase voltage (highest
performance)
bit 7 to 4HEX value in volts
bit 3 to 0BCD value in 100 mV
3V
(P+D)h = 42h
00C0h
VPP supply optimum Program/Erase voltage
bit 7 to 4HEX value in volts
bit 3 to 0BCD value in 100 mV
12 V
(P+E)h = 43h
0001h
Number of protection register fields in JEDEC ID space.
"00h," indicates that 256 protection bytes are available
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com