Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCXH16244TTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VCXH16244TTR
Description  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH16244TTR Datasheet(HTML) 2 Page - STMicroelectronics

  74VCXH16244TTR Datasheet HTML 1Page - STMicroelectronics 74VCXH16244TTR Datasheet HTML 2Page - STMicroelectronics 74VCXH16244TTR Datasheet HTML 3Page - STMicroelectronics 74VCXH16244TTR Datasheet HTML 4Page - STMicroelectronics 74VCXH16244TTR Datasheet HTML 5Page - STMicroelectronics 74VCXH16244TTR Datasheet HTML 6Page - STMicroelectronics 74VCXH16244TTR Datasheet HTML 7Page - STMicroelectronics 74VCXH16244TTR Datasheet HTML 8Page - STMicroelectronics 74VCXH16244TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74VCXH16244
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don‘t Care
Z : High Impedance
IEC LOGIC SYMBOLS
PIN No
SYMBOL
NAME AND FUNCTION
11G
Output Enable Input
2, 3, 5, 6
1Y1 to 1Y4 Data Outputs
8, 9, 11, 12
2Y1 to 2Y4 Data Outputs
13, 14, 16, 17
3Y1 to 3Y4 Data Outputs
19, 20, 22, 23
4Y1 to 4Y4 Data Outputs
24
4G
Output Enable Input
25
3G
Output Enable Input
30, 29, 27, 26
4A1 to 4A4 Data Outputs
36, 35, 33, 32
3A1 to 3A4 Data Outputs
41, 40, 38, 37
2A1 to 2A4 Data Outputs
47, 46, 44, 43
1A1 to 1A4 Data Outputs
48
2G
Output Enable Input
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive Supply Voltage
INPUTS
OUTPUT
G
An
Yn
LLL
LH
H
HX
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com