Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBK11 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBK11
Description  LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBK11 Datasheet(HTML) 1 Page - STMicroelectronics

  LNBK11 Datasheet HTML 1Page - STMicroelectronics LNBK11 Datasheet HTML 2Page - STMicroelectronics LNBK11 Datasheet HTML 3Page - STMicroelectronics LNBK11 Datasheet HTML 4Page - STMicroelectronics LNBK11 Datasheet HTML 5Page - STMicroelectronics LNBK11 Datasheet HTML 6Page - STMicroelectronics LNBK11 Datasheet HTML 7Page - STMicroelectronics LNBK11 Datasheet HTML 8Page - STMicroelectronics LNBK11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LNBK10 SERIES
LNBK20
LNB SUPPLY AND CONTROL VOLTAGE
REGULATOR (PARALLEL INTERFACE)
September 1998
s
REDUCED OUTPUT CURRENT VERSION
OF LNBP1X AND LNBP20 SERIES
s
COMPLETE INTERFACE FOR TWO LNBs
REMOTE SUPPLY AND CONTROL
s
LNB SELECTION AND STAND-BY FUNCTION
s
BUILT-IN TONE OSCILLATOR FACTORY
TRIMMED AT 22KHz
s
FAST OSCILLATOR START-UP
FACILITATES DiSEqC
™ ENCODING
s
TWO SUPPLY INPUTS FOR LOWEST
DISSIPATION
s
BYPASS FUNCTION FOR SLAVE
OPERATION
s
LNB SHORT CIRCUIT PROTECTION AND
DIAGNOSTIC
s
AUXILIARY MODULATION INPUT EXTENDS
FLEXIBILITY
s
CABLE LENGTH COMPENSATION
s
INTERNAL OVER TEMPERATURE
PROTECTION
s
BACKWARD CURRENT PROTECTION
DESCRIPTION
Intended for analog and digital satellite receivers,
the LNBK is a monolithic linear voltage regulator,
assembled in Multiwatt-15, PowerSO-20 and
PowerSO-10, specifically designed to provide the
powering voltages and the interfacing signals to
the LNB downconverter situated in the antenna
via the coaxial cable. It has the same functionality
of the LNBP1X and LNBP20 series, at a reduced
output current capability. Since most satellite
receivers have two antenna ports, the output
voltage of the regulator is available at one of two
logic-selectable output pins (LNBA, LNBB). When
the IC is powered and put in Stand-by (EN pin
LOW), both regulator outputs are disabled to
allow
the
antenna
downconverters
to
be
supplied/controlled by others satellite receivers
sharing the same coaxial lines. In this occurrence
the device will limit at 3 mA (max) the backward
current that could flow from LNBA and LNBB
output pins to GND.
For slave operation in single dish, dual receiver
systems, the bypass function is implemented by
an electronic switch between the Master Input pin
(MI) and the LNBA pin, thus leaving all LNB
powering and control functions to the Master
Receiver. This electronic switch is closed when
the device is powered and EN pin is LOW.
The regulator outputs can be logic controlled to
be 13 or 18 V (typ.) by mean of the VSEL pin for
remote controlling of LNBs. Additionally, it is
possible to increment by 1V (typ.) the selected
voltage value to compensate the excess voltage
drop along the coaxial cable (LLC pin HIGH).
In order to reduce the power dissipation of the
device when the
lowest output
voltage is
selected, the regulator has two Supply Input pins
VCC1
and
VCC2.
They
must
be
powered
respectively at 16V (min) and 23V (min), and an
internal switch
automatically will
select the
suitable supply pin according to the selected
output voltage. If adequate heatsink is provided
and higher power losses are acceptable, both
supply pins can be powered by the same 23V
source
without
affecting
any
other
circuit
performance.
The ENT (Tone Enable) pin activates the internal
oscillator so that the DC output is modulated by a
±0.3 V, 22KHz (typ.) square wave. This internal
Multiwatt-15
1
10
PowerSo-20
PowerSO-10
®
1/18


Similar Part No. - LNBK11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBK20D2 STMICROELECTRONICS-LNBK20D2 Datasheet
479Kb / 14P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Jul-2003
More results

Similar Description - LNBK11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBP10 STMICROELECTRONICS-LNBP10 Datasheet
204Kb / 18P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Sep-1998
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
LNBK20D2 STMICROELECTRONICS-LNBK20D2 Datasheet
479Kb / 14P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
Jul-2003
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
Single LNB Supply and Control Voltage Regulator
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com