Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP11 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LNBP11
Description  LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP11 Datasheet(HTML) 3 Page - STMicroelectronics

  LNBP11 Datasheet HTML 1Page - STMicroelectronics LNBP11 Datasheet HTML 2Page - STMicroelectronics LNBP11 Datasheet HTML 3Page - STMicroelectronics LNBP11 Datasheet HTML 4Page - STMicroelectronics LNBP11 Datasheet HTML 5Page - STMicroelectronics LNBP11 Datasheet HTML 6Page - STMicroelectronics LNBP11 Datasheet HTML 7Page - STMicroelectronics LNBP11 Datasheet HTML 8Page - STMicroelectronics LNBP11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TABLE A: PIN CONFIGURATIONS
SYMBOL
NAME
FUNCTION
PIN NUMBER vs SALES TYPE (LNBP)
20CR 20PD 10SP 11SP 12SP 13SP 14SP 15SP 16SP
VCC1
Supply Input 1
15V to 25V supply. It is
automatically selected
when VOUT =13 or 14V
12
11
11
11
1
VCC2
Supply Input 2
22V to 25V supply. It is
automatically selected
when VOUT =18 or 19V
23
22
22
22
2
LNBA
Out put Port
See truth tables for voltage
and port selection. In
stand-by mode this port is
powered by the MI pin via
the internal Bypass Switch
34
33
33
33
3
VSEL
Output Voltage
Selection: 13 or
18V (typ)
Logic control input: See
truth table
45
44
44
44
4
EN
Port Enable
Logic control input: See
truth table
56
55
55
55
5
OSEL
Port Selection
Logic control input: See
truth table
7
7
9
NANA
NANA
NANA
GND
G round
Circuit Ground. It is
internally connected to the
die frame
81
10
11
20
66
66
66
6
ENT
22 KHz Tone
Enable
Logic control input: See
truth table
9
13
7
77
77
77
CEXT
External Capacitor
Timing capacitor used by
the Dynamic Overload
Protection. Typical
application is 4.7
µFfor a
1200 ms cycle
10
14
88
88
88
8
EXTM
External
Modulation
External Modulation Input.
Needs DC decoupling to
the AC source. If not used,
can be left open.
11
15
NA
NA
NA
9
NA
9
9
LLC
Line Length
Compens. (1V t yp)
Logic control input: See
truth table
12
16
NA
NA
9
NA
9
NA
10
OLF
Over Load F lag
Logic output (open
Collector). Normally in
HIGH IMPEDANCE, goes
LOW when current or
thermal overload occurs.
13
17
NA
9
NA
NA
10
10
NA
MI
Master Input
In stand-by mode, the
voltage on MI is routed to
LNBA pin. Can be left
open if bypass function is
not needed
14
18
NA
10
10
10
NA
NA
NA
LNBB
Out put Port
See truth tables for voltage
and port selection.
15
19
10
NA
NA
NA
NA
NA
NA
NOTE: The limited pin availability of the PowerSO-10 package leads to drop some functions.
LNBP10 SERIES - LNBP20
3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com