Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41A. Datasheet(PDF) 1 Page - Multicomp Pro

Part # TIP41A.
Description  Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TIP41A. Datasheet(HTML) 1 Page - Multicomp Pro

  TIP41A. Datasheet HTML 1Page - Multicomp Pro TIP41A. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
04/05/22
Power Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Description
Designed for use in general purpose amplifier and switching application.
Features
• DC Current Gain -hFE = 30(Min)@ IC= 0.3A
• Collector–Emitter Sustaining Voltage
VCEO(SUS) = 60V(Min.)
• Complement to Type TIP42A
• Minimum Lot-to-Lot variations for robust device performance and reliable operation
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
Emitter-Base Voltage
VEBO
5
Collector Current-Continuous
IC
6
A
Collector Current-Peak
ICM
10
Base Current- Continuous
IB
2
Collector Power Dissipation @TC=25°C
PC
65
Watts
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-65 to +150
Characteristic
Symbol
Value
Unit
Thermal Resistance Junction to Case
Rth j-c
1.67
°C/W
Thermal Characteristics
Electrical Characteristics (TC = 25°C unless otherwise specified
Characteristic
Symbol
Min.
Max.
Unit
Off Characteristics
Collector-Emitter Sustaining Voltage
(Ic= 10mA, Ib=0)
VCEO(SUS)
60
-
V
Collector Cut-off Current
(VcB= 60V, IE=0)
ICBO
0.4
mA
Collector Cut-off Current
(VcE= 30V, IB=0)
ICEO
0.7
Emitter Cut-off Current
VEB=5V, IC=0
IEBO
1


Similar Part No. - TIP41A.

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP41A MOSPEC-TIP41A Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Motorola, Inc
TIP41A MOTOROLA-TIP41A Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP41A ONSEMI-TIP41A Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP41A POINN-TIP41A Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP41A STMICROELECTRONICS-TIP41A Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP41A.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com