Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDR09C6B Datasheet(PDF) 5 Page - Potens Semiconductor Corp.

Part # PDR09C6B
Description  100V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDR09C6B Datasheet(HTML) 5 Page - Potens Semiconductor Corp.

  PDR09C6B Datasheet HTML 1Page - Potens Semiconductor Corp. PDR09C6B Datasheet HTML 2Page - Potens Semiconductor Corp. PDR09C6B Datasheet HTML 3Page - Potens Semiconductor Corp. PDR09C6B Datasheet HTML 4Page - Potens Semiconductor Corp. PDR09C6B Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Potens semiconductor corp.
Ver.1.00
5
PDR09C6B
100V N-Channel MOSFETs
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
2.500
2.100
0.098
0.083
A1
1.250
0.900
0.049
0.035
B
6.800
6.400
0.268
0.252
C
0.580
0.420
0.023
0.017
C1
0.580
0.420
0.023
0.017
D
5.500
5.000
0.217
0.197
E
2.400
2.000
0.094
0.079
F
1.050
0.750
0.041
0.030
F1
0.900
0.650
0.035
0.026
L
12.400
11.600
0.488
0.457
L1
5.300
4.700
0.209
0.185
L2
6.300
5.700
0.248
0.224
θ
9°
3°
9°
3°
TO251 PACKAGE INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com