Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3LV02DL Datasheet(PDF) 39 Page - STMicroelectronics

Part # LIS3LV02DL
Description  MEMS inertial sensor 3-axis - ±2g/±6g digital output low voltage linear accelerometer
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3LV02DL Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LIS3LV02DL Datasheet HTML 35Page - STMicroelectronics LIS3LV02DL Datasheet HTML 36Page - STMicroelectronics LIS3LV02DL Datasheet HTML 37Page - STMicroelectronics LIS3LV02DL Datasheet HTML 38Page - STMicroelectronics LIS3LV02DL Datasheet HTML 39Page - STMicroelectronics LIS3LV02DL Datasheet HTML 40Page - STMicroelectronics LIS3LV02DL Datasheet HTML 41Page - STMicroelectronics LIS3LV02DL Datasheet HTML 42Page - STMicroelectronics LIS3LV02DL Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
LIS3LV02DL
Register description
39/48
7.24
FF_WU_DURATION (36h)
This register sets the minimum duration of the free-fall/wake-up event to be recognized.
7.25
DD_CFG (38h)
Table 58.
Register (36h)
FWD7
FWD6
FWD5
FWD4
FWD3
FWD2
FWD1
FWD0
Table 59.
Register description (36h)
FWD7, FWD0
Minimum duration of the Free-fall/Wake-up event
Duration s
()
FF_WU_DURATION (Dec)
ODR
------------------------------------------------------------------------
=
Table 60.
Register (38h)
IEND
LIR
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
Table 61.
Register description (38h)
IEND
Interrupt enable on Direction change. Default value: 0
(0: disabled;
1: interrupt signal enabled)
LIR
Latch Interrupt request into DD_SRC reg with the DD_SRC reg cleared by reading
DD_ACK reg. Default value: 0.
(0: interrupt request not latched;
1: interrupt request latched)
ZHIE
Enable interrupt generation on Z High event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
ZLIE
Enable interrupt generation on Z Low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
YHIE
Enable interrupt generation on Y High event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
YLIE
Enable interrupt generation on Y Low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com