Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3582289 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 3582289
Description  IEC Type J PTFE Insulated Twin Twisted Pair Thermocouple Cable / Wire
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

3582289 Datasheet(HTML) 2 Page - Labfacility Ltd

  3582289 Datasheet HTML 1Page - Labfacility Ltd 3582289 Datasheet HTML 2Page - Labfacility Ltd 3582289 Datasheet HTML 3Page - Labfacility Ltd 3582289 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
TC Cable - 44
Nov-23
Specifications
General Description
Resistant to oils, acids adverse agents and fluids.
Good mechanical strength and flexibility.
Cable Length
10m, 25m, 50m, 100m
Cable Type
Twin twisted pair for extending or making simple
thermocouples
Core / Strands
1/0.2mm , 7/0.2mm, 1/0.315mm, 1/0.508mm
Conductor Cross Section 1/0.2 (mm2)
0.032
Conductor Cross Section 1/0.315 (mm2) 0.078
Conductor Cross Section 1/0.508 (mm2) 0.203
Conductor Cross Section 7/0.2 (mm2)
0.219
+ Colour
Black
- Colour
White
Drain Wire
No
Insulation Material
PTFE insulated
Loop Resistance 1/0.2
(Ohms per combined metre)
19.3
Loop Resistance 1/0.315
(Ohms per combined metre)
7.8
Loop Resistance 1/0.508
(Ohms per combined metre)
3.0
Loop Resistance 7/0.2
(Ohms per combined metre)
2.7
Max. Temperature
+260°C
Min. Temperature
-75°C
+ Conductor
Iron
- Conductor
Constantan
Screen
No
Standards Met
Colour code (cores & jacket) to IEC-584-3
Thermocouple Type
J
Tolerance
Class 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com