Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3582290 Datasheet(PDF) 3 Page - Labfacility Ltd

Part # 3582290
Description  IEC Type J PTFE Insulated Twin Twisted Pair Thermocouple Cable / Wire
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

3582290 Datasheet(HTML) 3 Page - Labfacility Ltd

  3582290 Datasheet HTML 1Page - Labfacility Ltd 3582290 Datasheet HTML 2Page - Labfacility Ltd 3582290 Datasheet HTML 3Page - Labfacility Ltd 3582290 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
TC Cable - 44
Nov-23
Ordering Information
Type Colour
Code
Cable Style
Strand Size
Length
Manufacturers
Code
Farnell
Order
Code
J
IEC
PTFE TWIN TWISTED
1/0.2mm
25m (82ft)
WJ-244-D
3358150
J
IEC
PTFE TWIN TWISTED
1/0.2mm
50m (164.1ft)
WJ-244-D
2918707
J
IEC
PTFE TWIN TWISTED
1/0.2mm
100m (328.1ft)
WJ-244-D
4073318
J
IEC
PTFE TWIN TWISTED
1/0.315mm
10m (32.8ft)
WJ-245-D
3582289
J
IEC
PTFE TWIN TWISTED
1/0.315mm
25m (82ft)
WJ-245-D
3582290
J
IEC
PTFE TWIN TWISTED
1/0.315mm
50m (164.1ft)
WJ-245-D
3582291
J
IEC
PTFE TWIN TWISTED
1/0.315mm
100m (328.1ft)
WJ-245-D
3582292
J
IEC
PTFE TWIN TWISTED
1/0.508mm
10m (32.8ft)
WJ-246-D
3582296
J
IEC
PTFE TWIN TWISTED
1/0.508mm
25m (82ft)
WJ-246-D
3582293
J
IEC
PTFE TWIN TWISTED
1/0.508mm
50m (164.1ft)
WJ-246-D
3582294
J
IEC
PTFE TWIN TWISTED
1/0.508mm
100m (328.1ft)
WJ-246-D
3582295
J
IEC
PTFE TWIN TWISTED
7/0.2mm
10m (32.8ft)
WJ-243-D
3582285
J
IEC
PTFE TWIN TWISTED
7/0.2mm
25m (82ft)
WJ-243-D
3582286
J
IEC
PTFE TWIN TWISTED
7/0.2mm
50m (164.1ft)
WJ-243-D
3582287
J
IEC
PTFE TWIN TWISTED
7/0.2mm
100m (328.1ft)
WJ-243-D
3582288



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com