Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4156028 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 4156028
Description  Magnetic Strip Thermocouple, PFA Insulated with Miniature Plug- ANSI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4156028 Datasheet(HTML) 1 Page - Labfacility Ltd

  4156028 Datasheet HTML 1Page - Labfacility Ltd 4156028 Datasheet HTML 2Page - Labfacility Ltd 4156028 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.
Magnetic Strip Thermocouple, PFA Insulated
with Miniature Plug- ANSI


Similar Part No. - 4156028

ManufacturerPart #DatasheetDescription
logo
Heyco.
4156 HEYCO-4156 Datasheet
121Kb / 1P
Lockit™ Loops
logo
Carclo Technical Plasti...
4156 COIL-4156 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Adafruit Industries
4156 ADAFRUIT-4156 Datasheet
667Kb / 2P
20-pin 0.1" Female Header - Blue - 5 pack
4-26-19
logo
Tyco Electronics
415672-1 MACOM-415672-1 Datasheet
503Kb / 17P
RF Coax Connectors
More results

Similar Description - 4156028

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2142 POMONA-2142 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
4022 POMONA-4022 Datasheet
26Kb / 1P
Insulated Banana Jack, Miniature With Wire Wrap Terminal
logo
3M Electronics
2142-2 3M-2142-2 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
Rev 100
2142-4 3M-2142-4 Datasheet
28Kb / 1P
Insulated Miniature Banana Jack
09-Jun-1999
4773-6 3M-4773-6 Datasheet
19Kb / 1P
Insulated Pin Jack, Miniature With Wrapped Wire Terminal
09-Jun-1999
logo
Hammond Manufacturing L...
PF330DCT12LGSL2 HAMMOND-PF330DCT12LGSL2 Datasheet
375Kb / 1P
PFA 30000 AUSTRITTSFILTER
logo
List of Unclassifed Man...
205-TC ETC2-205-TC Datasheet
907Kb / 22P
THERMOCOUPLE MINIATURE PANEL THERMOMETER
logo
Schneider Electric
8400A SCHNEIDER-8400A Datasheet
102Kb / 2P
PFA-lined magnetic wafer flow tube for general purpose applications
Apr 26, 2022
logo
List of Unclassifed Man...
TYPEJ ETC-TYPEJ Datasheet
199Kb / 1P
Duplex Insulated Iron-Constantan Duplex ANSI Type J
logo
Omega Engineering, Inc.
HTTG-1CU OMEGA-HTTG-1CU Datasheet
218Kb / 1P
PFA Glass Insulated High Temperature Heater Hook-Up Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com