Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2227 Datasheet(PDF) 2 Page - Santronics Inc

Part # 2227
Description  MAGSNAP 360™ DUAL-WIRE METAL EXPANSION WRISTBAND
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

2227 Datasheet(HTML) 2 Page - Santronics Inc

  2227 Datasheet HTML 1Page - Santronics Inc 2227 Datasheet HTML 2Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCS
920 J R INDUSTRIAL DRIVE, SANFORD, NC 27332
EAST: (919) 718-0000 | WEST: (909) 627-9634
WEBSITE: StaticControl.com
DRAWING
NUMBER
2234
DATE
September
2017
© 2017 DESCO INDUSTRIES INC.
Employee Owned
MAGSNAP 360™ DUAL-WIRE COIL CORD
Made in the
United States of America
0.28"
(7mm)
0.83"
(21mm)
RESISTOR
END
NON-RESISTOR
END
X
Y
B
D
E
F
G
H
A
D
I
F. Dual T-3067 tinsel conductor. Consists of stranded polyester wrapped in
copper. Equivalent to 29 gauge (cir mil and/or ohms).
G. 1 megohm (±5%) current limiting resistors on both conductors.
H. Unique dual contact design is to be paired with an SCS MagSnap 360™
Wristband (not included) for a superior electrical connection. The magnetic
connection made with the wristband maintains a 1-5 pound perpendicular
breakaway force to prevent accidental disconnects. Spring loaded center
contact rated to 1 million cycles.
I. Date coded with date of manufacture in compliance with ANSI/ESD S1.1.
Meets required limits of ANSI/ESD S20.20 and requirements of ANSI/ESD S1.1.
A. Underwriters Laboratory Listing 90P1C.
B. Compatible with SCS Dual-Wire Workstation Monitors and other brands
that accept a 3.5 mm phono plug.
C. SCS logo molded in compliance with ANSI/ESD S1.1.
D. Thermoplastic elastomer strain relief molded on.
E. Relaxed retraction coil cord reduces tug on wearer’s wrist. Black PVC
insulation. Break load average 30 pounds.
C
0.11"
(3mm)
Item
Mono Plug Tip
Diameter
Retracted Length Extended Length
X
Y
Nominal
Max
2234
0.116"
12"
20"
6'
8.5'
2235
0.116"
24"
32"
12'
17'
2236
0.116"
30"
38"
20'
22'
Specifications and procedures subject to change without notice.
U.S. Patent Pending
Unless otherwise noted, tolerance ±10%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com