Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8213 Datasheet(PDF) 1 Page - Santronics Inc

Part # 8213
Description  8200 SERIES DISSIPATIVE VINYL THREE-LAYER MATS AND ROLLS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCS [Santronics Inc]
Direct Link  https://staticcontrol.descoindustries.com/
Logo SCS - Santronics Inc

8213 Datasheet(HTML) 1 Page - Santronics Inc

  8213 Datasheet HTML 1Page - Santronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8200 Series Dissipative Vinyl Three-Layer Mats and Rolls are soft table
mats with a three-layer construction that meet ANSI/ESD S20.20 tested
per worksurface standard ANSI/ESD STM4.1-2017. The top color layer
is durable static dissipative vinyl, which has sufficiently low resistance to
discharge static-laden conductors, yet will help prevent the shorting of pins
on the backs of printed circuit boards laid on the mat. The middle layer is a
highly-conductive scrim that provides the main discharge path to ground,
and the bottom layer is static-dissipative foam, providing a durable nonskid
cushion. Compatible with Constant Monitors.
DRAWING
NUMBER
8200 Series
DATE
October
2022
© 2022 DESCO INDUSTRIES INC
Employee Owned
8200 SERIES DISSIPATIVE VINYL THREE-LAYER MATS AND ROLLS
926 JR Industrial Drive, Sanford, NC 27332
WEB SITE: StaticControl.com
PHONE (919) 718-0000 | WEST: (909) 627-9634
Properties
Typical Value
Material
Top Layer - Static Dissipative Vinyl
Middle Layer - Highly Conductive Scrim
Bottom Layer - Static Dissipative Foam
Color*
Blue, Brown, Gray, Dark Blue
Thickness
0.140" (3.5 mm)
Hardness (top)
78 Shore A
Resistance
Surface to Ground (Rtg)
Surface to Surface (Rtt)
1 x 106 to < 1 x 109 ohms
1 x 106 to < 1 x 109 ohms
Tolerance
Width +/- 0.250"
Length +/- 0.250"
Table Mat Kit Item Numbers
Size
Blue Brown
Gray
Dark Blue
24" x 48" (0.6 m x 1.2 m)
8214
8211
8213
8215
30" x 60" (0.8 m x 1.5 m)
8216
Table Mat Kit Includes:
1 Table Mat, size as specified
1 3048 Wrist Strap Grounding System
2 3050 Single Snap Fastener (Snaps installed on long side of mat)
Floor Mat Kit Includes:
1 Floor Mat, size as specified
1 3040 15' (4.6 m) Ground Cord
2 3050 Single Snap Fastener (Snaps installed on long side of mat)
Table Roll Item Numbers without Hardware
Size
Blue Brown Gray
Dark Blue
2' x 50' (0.6 m x15.2 m)
8234
8231
8233
8245
2.5' x 50' (0.8 m x 15.2 m)
8244
8241
8243
8246
3' x 50' (0.8 m x 15.2 m)
8274
8271
8273
8247
4' x 50' (1.2 m x 15.2 m)
82A4
82A1
82A3
Table Roll Item Numbers with Hardware
Size
Blue Brown
Gray
2' x 24' (0.6 m x 7.3 m)
8264
8261
8263
4' x 24' (1.2 m x 7.3m)
8254
8251
8253
Table Roll Includes:
2 3040 15' (4.6 m) Ground Cords
2 3050 Single Snap Fastener (not installed)
Specifications and procedures subject to change without notice.
Made in the
United States of America
*Color and texture may vary between lots and mills
Floor Mat Kit Item Numbers
Size
Blue
Gray
48" x 72" (1.2 m x 1.8 m)
8204
8203
RoHS, REACH and Conflict Minerals, Statement
See the Desco Industries RoHS, REACH, and Conflict Minerals Statement:
DescoIndustries.com/RoHS3.aspx
See the SCS Limited Warranty
Staticcontrol.Descoindustries.com/Limited-Warranty.aspx


Similar Part No. - 8213

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
8213 NTE-8213 Datasheet
61Kb / 1P
Thermal Cutoff
logo
Belden Inc.
8213 BELDEN-8213 Datasheet
156Kb / 3P
Analog Video, RG11, #14 Solid BC, 95% BC Braid, PE Jacket
11-09-2022
8213-0101000 BELDEN-8213-0101000 Datasheet
156Kb / 3P
Analog Video, RG11, #14 Solid BC, 95% BC Braid, PE Jacket
11-09-2022
8213-0102000 BELDEN-8213-0102000 Datasheet
156Kb / 3P
Analog Video, RG11, #14 Solid BC, 95% BC Braid, PE Jacket
11-09-2022
8213-010500 BELDEN-8213-010500 Datasheet
156Kb / 3P
Analog Video, RG11, #14 Solid BC, 95% BC Braid, PE Jacket
11-09-2022
More results

Similar Description - 8213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16251 ETC2-16251 Datasheet
108Kb / 1P
STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 & .060
16260 ETC2-16260 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
15011 ETC2-15011 Datasheet
175Kb / 1P
STATFREE CV280 ROLLS AND MATS
16214 ETC2-16214 Datasheet
108Kb / 1P
STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" and .060"||" "559183
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
16270 ETC2-16270 Datasheet
51Kb / 2P
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100" (2.5MM)
66121 ETC2-66121 Datasheet
38Kb / 2P
STATFREE T2 MATERIAL, LEAD-FREE, DISSIPATIVE, RUBBER, 2-LAYER
66030 ETC2-66030 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
logo
3M Electronics
2200 3M-2200 Datasheet
460Kb / 2P
Vinyl Mastic Pads and Rolls
2210 3M-2210 Datasheet
460Kb / 2P
SKOTCHTM 2200,2210 VINYL MASTIC PADS AND ROLLS
logo
Bertech.
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com