Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3565M Datasheet(PDF) 2 Page - EPCOS

Part # M3565M
Description  IF Filter for Quasi/Split Sound Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

M3565M Datasheet(HTML) 2 Page - EPCOS

  M3565M Datasheet HTML 1Page - EPCOS M3565M Datasheet HTML 2Page - EPCOS M3565M Datasheet HTML 3Page - EPCOS M3565M Datasheet HTML 4Page - EPCOS M3565M Datasheet HTML 5Page - EPCOS M3565M Datasheet HTML 6Page - EPCOS M3565M Datasheet HTML 7Page - EPCOS M3565M Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Mar 31, 2006
SAW Components
M 3565 M
45,75 MHz
IF Filter for Quasi/Split Sound Applications
Data Sheet
Plastic package SIP5K
Standard
s
M/N
Features
s
TV IF filter for quasi/split sound applications
(separate picture and sound channel)
s
Picture channel with Nyquist slope and sound
suppression, symmetrical output
s
High color carrier
s
Constant group delay
s
Sound channel with pass band for sound carrier
only
Terminals
s
Tinned CuFe alloy
Dimensions in mm, approx. weight 1,0 g
Pin configuration
1
Input
2
Chip carrier - ground
3
Output - sound
4
Output - picture
5
Output - picture
Type
Ordering code
Marking and package
according to
Packing
according to
M 3565 M
B39458-M3565-M201
C61157-A1-A15
F61074-V8067-Z000
Maximum ratings
Operating temperature range
TA
–25/+65
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
between any terminals
AC voltage
Vpp
10
V
between any terminals



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com