Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5482 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M5482
Description  LED DISPLAY DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5482 Datasheet(HTML) 1 Page - STMicroelectronics

  M5482 Datasheet HTML 1Page - STMicroelectronics M5482 Datasheet HTML 2Page - STMicroelectronics M5482 Datasheet HTML 3Page - STMicroelectronics M5482 Datasheet HTML 4Page - STMicroelectronics M5482 Datasheet HTML 5Page - STMicroelectronics M5482 Datasheet HTML 6Page - STMicroelectronics M5482 Datasheet HTML 7Page - STMicroelectronics M5482 Datasheet HTML 8Page - STMicroelectronics M5482 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
June 2004
M5482
LED DISPLAY DRIVER
REV. 2
FEATURES SUMMARY
2 DIGIT LED DRIVER (15 segments)
CURRENT GENERATOR OUTPUTS (no
resistor required)
CONTINUOUS BRIGHTNESS CONTROL
SERIAL DATA INPUT
WIDE SUPPLY VOLTAGE OPERATION
TTL COMPATIBILITY
APPLICATION EXAMPLES
MICROPROCESSOR DISPLAYS
INDUSTRIAL CONTROL INDICATOR
RELAY DRIVER
INSTRUMENTATION READOUTS
DESCRIPTION
The M5482 is a monolithic MOS integrated circuit
produced with an N-channel silicon gate technolo-
gy. It utilizes the M5451 die packaged in a 20-pin
plastic package copper frame, making it ideal for a
2-digit display. A single pin controls the LED dis-
play brightness by setting a reference current
through a variable resistor connected either to
VDD or to a separate supply of 13.2V maximum.
Figure 1. Package
Figure 2. Pin Connections
PDIP20
(Plastic package)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OUTPUT BIT 8
OUTPUT BIT 7
OUTPUT BIT 6
OUTPUT BIT 5
OUTPUT BIT 4
OUTPUT BIT 3
OUTPUT BIT 2
OUTPUT BIT 1
BRIGHTNESS CONTROL
V
DD
V
SS
OUTPUT BIT 9
OUTPUT BIT 10
OUTPUT BIT 11
OUTPUT BIT 12
OUTPUT BIT 13
OUTPUT BIT 14
OUTPUT BIT 15
DATA IN
CLOCK


Similar Part No. - M5482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5482B7 STMICROELECTRONICS-M5482B7 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
More results

Similar Description - M5482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_06 Datasheet
741Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
LED Display Driver
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
LED Display Driver
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com