Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M95256
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M95256_08 Datasheet HTML 19Page - STMicroelectronics M95256_08 Datasheet HTML 20Page - STMicroelectronics M95256_08 Datasheet HTML 21Page - STMicroelectronics M95256_08 Datasheet HTML 22Page - STMicroelectronics M95256_08 Datasheet HTML 23Page - STMicroelectronics M95256_08 Datasheet HTML 24Page - STMicroelectronics M95256_08 Datasheet HTML 25Page - STMicroelectronics M95256_08 Datasheet HTML 26Page - STMicroelectronics M95256_08 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
M95256, M95256-W, M95256-R
Instructions
23/43
Figure 11.
Page Write (WRITE) sequence
1.
The most significant address bit (b15) is Don’t Care.
5.6.1
ECC (error correction code) and Write cycling
The M95256, M95256-W and M95256-R devices offer an ECC (error correction code) logic
which compares each 4-byte word with its associated 6 EEPROM bits of ECC. As a result, if
a single bit out of 4 bytes of data happens to be erroneous during a Read operation, the
ECC detects it and replaces it by the correct value. The read reliability is therefore much
improved by the use of this feature.
Note however that even if a single byte has to be written, 4 bytes are internally modified
(plus the ECC bits), that is, the addressed byte is cycled together with the three other bytes
making up the word. It is therefore recommended to write by word (4 bytes) in order to
benefit from the larger amount of Write cycles.
The M95256-W6 and M95256-R6 devices are qualified at 1 million (1 000 000) Write cycles,
using a cycling routine that writes to the device by multiples of 4-byte words.
C
D
AI01796D
S
34
33
35 36 37 38 39 40 41 42
44 45 46 47
32
C
D
S
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
Instruction
16-Bit Address
0
765432
0
1
Data Byte 1
31
43
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
65432
0
1
Data Byte N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com