Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5. Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PCM5.
Description  Pulse Control Module Converts 4 to 20 mA to Proportional Power Control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PCM5. Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PCM5. Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P-x
P
Pulse Control Module
Converts 4 to 20 mA
to Proportional Power Control
PCM5
The OMEGA® PCM5 Series
converter is designed to convert a
4 to 20 mA signal from a process/
temperature controller or computer to
a time proportional output.
The modules mount directly to the
input terminals on a 3 to 32 Vdc input
SSR, and supports single phase
50 or 60 Hz operation. Lever clamps
are provided on the converter for the
4 to 20 mA input.
The SSR’s power section provides
easy connection to the line and load.
U
Tolerates Inputs Less
than 4 mA
U
Converts 4 to 20 mA
to a Time Proportional Output
U
Mounts Directly on a Single
3 to 32 Vdc Input SSR
U
Supports Single Phase
50 or 60 Hz Operation
SPECIFICATIONS
Analog Input Signal: 4 to 20 mA
minimal; 0 to 30 mA permissible;
reverse polarity protected; no abnormal
operation below 4 mA
Compliance Voltage Requirement:
6.4V
Time Base: ~200 mS @ 50%,
~500 mS towards 0 and 100%
Ambient Temperature: 0 to 40°C
(32 to 104°F)
Dimensions: 45 L x 51 W x 20 mm D
(1.75 x 2.0 x 0.80")
To Order
Model No
Description
PCM5
Pulse control module
Comes complete with operator’s manual.
Ordering Example: PCM5, pulse control module.
-
-
-
-
INPUT
4 to 20 mA
4 to 20 mA
4 to 20 mA
PCM4
PCM4
PCM5
Single Phase Application
PCM5 shown
actual size, mounted on
SSR330DC25, solid state
relay (sold separately).
4 to 20 mA
Optional
Fusing
Single Phase
Voltage Supply
Load
SSR
CN8202-R1 shown
smaller than actual size.
1
⁄16 DIN Universal Temperature
and Process Controllers
with 8-Segment Ramp/Soak
1
⁄8 DIN and
1
⁄4 DIN
Versions Are
Also Available!
Also Available from omega


Similar Part No. - PCM5.

ManufacturerPart #DatasheetDescription
logo
Winsonic Electronics
PCM50041-WH35L0-CB0M0A WINSONIC-PCM50041-WH35L0-CB0M0A Datasheet
160Kb / 1P
Panel PC Chassis Mount, 50", 1920 x 1080, LED 350 nits
PCM50041-WH35L0-CB0M0B WINSONIC-PCM50041-WH35L0-CB0M0B Datasheet
160Kb / 1P
Panel PC Chassis Mount, 50", 1920 x 1080, LED 350 nits
PCM50041-WH35L0-CB0M0C WINSONIC-PCM50041-WH35L0-CB0M0C Datasheet
160Kb / 1P
Panel PC Chassis Mount, 50\" LCD monitor, 1920 x 1080, LED 350 nits, Intel® Celeron J1900,Intel® Core™ Ultra Series 2 Processors
PCM50041F-WH35L0-CB0M0A WINSONIC-PCM50041F-WH35L0-CB0M0A Datasheet
131Kb / 1P
Fanless Panel PC Chassis Mount, 50" LCD monitor, 1920 x 1080, LED 350 nits,Intel®Celeron J6412
PCM50041F-WH35L0-CB0M0B WINSONIC-PCM50041F-WH35L0-CB0M0B Datasheet
131Kb / 1P
Fanless Panel PC Chassis Mount, 50" LCD monitor, 1920 x 1080, LED 350 nits,Intel® 11th Gen. i3, i5, i7
More results

Similar Description - PCM5.

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
logo
Festo Corporation.
VEAA-B-3-D11-F-V1-1R1 FESTO-VEAA-B-3-D11-F-V1-1R1 Datasheet
85Kb / 2P
Proportional pressure control valve
VEAA-L-3-D11-Q4-V1-1R1 FESTO-VEAA-L-3-D11-Q4-V1-1R1 Datasheet
89Kb / 2P
Proportional pressure control valve
VEAA-L-3-D11-Q4-V2-1R1 FESTO-VEAA-L-3-D11-Q4-V2-1R1 Datasheet
90Kb / 2P
Proportional pressure control valve
VEAB-B-26-D7-F-V1-1R1 FESTO-VEAB-B-26-D7-F-V1-1R1 Datasheet
86Kb / 2P
Proportional pressure control valve
VEAB-B-26-D9-F-A4-1R1 FESTO-VEAB-B-26-D9-F-A4-1R1 Datasheet
87Kb / 2P
Proportional pressure control valve
VEAB-B-26-D13-F-A4-1R1 FESTO-VEAB-B-26-D13-F-A4-1R1 Datasheet
87Kb / 2P
Proportional pressure control valve
VEAB-B-26-D13-F-V1-1R1 FESTO-VEAB-B-26-D13-F-V1-1R1 Datasheet
87Kb / 2P
Proportional pressure control valve
VEAB-B-26-D14-F-A4-1R1 FESTO-VEAB-B-26-D14-F-A4-1R1 Datasheet
87Kb / 2P
Proportional pressure control valve
VEAB-B-26-D15-F-V1-1R1 FESTO-VEAB-B-26-D15-F-V1-1R1 Datasheet
86Kb / 2P
Proportional pressure control valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com