Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCC-SMP-UCB-100-R Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PCC-SMP-UCB-100-R
Description  Circuit Board Mountable Thermocouple Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PCC-SMP-UCB-100-R Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PCC-SMP-UCB-100-R Datasheet HTML 1Page - Omega Engineering, Inc. PCC-SMP-UCB-100-R Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNRESTRICTED
PCC-OST-SMP-Series
________________________________________________________________________
Circuit Board Mountable Thermocouple Connectors
For OEM use, Omega’s solderable PCC connector provides a
means to attach thermocouple probes to printed circuit boards.
For our uncompensated “U” version, Omega now incorporates
beryllium copper alloy, which is stronger than copper, and
increases the connector’s durability and reliability in connecting
time after time. Omega offers a “vertical” version of this
connector for special applications. The PCC connector series is
also available with an optional transistor retainer clip, which accepts
TO-92 style transistors for cold junction temperature measurements
at connector entrance. For CE applications, Omega offers a “closed-
end” version of this connector. The suffix “-CE” should be added to
the model number.
Features
OEM design for production use
Beryllium copper alloy material (for uncompensated version) for strength and durability
OEM design for production use
Attached directly to circuit board; mounting clip with each connector
Compact design, ideal for handheld meter production
Temperature rating -29 to 180°C (-20 to 356°F)
J, K, T, E, N and U (Beryllium Copper) Calibrations
Custom units designed for ‘closed end’ requirements for “CE” requirements
Sold in packs of 5, 50 and 100
Specifications
Temperature Range
-29 to 180°C (-20 to 356°F)
Pin Construction
Appropriate alloy for J, K, T, N and E thermocouples.
Type “U” (uncompensated) uses Beryllium Copper alloy
Mounting Style
Solderable; mounts directly to PC board
Mounting Orientation
Horizontal (PCC-SMP); Vertical (PCC-SMP-V)
Connection size
Miniature
Shell Material
Glass-filled nylon
Dimensions
See drawing on next page
PCC-SMP-K-(*)
PCC-SMP-K-(*)-R
PCC-SMP-K-(*)-V
PCC-SMP-K-(*)-CE


Similar Part No. - PCC-SMP-UCB-100-R

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PCC-SMP-U-100 OMEGA-PCC-SMP-U-100 Datasheet
714Kb / 1P
Circuit Board Thermocouple Connectors Standard and Miniature Sizes; Type PCC
PCC-SMP-U-100-CE OMEGA-PCC-SMP-U-100-CE Datasheet
714Kb / 1P
Circuit Board Thermocouple Connectors Standard and Miniature Sizes; Type PCC
PCC-SMP-U-100-R OMEGA-PCC-SMP-U-100-R Datasheet
714Kb / 1P
Circuit Board Thermocouple Connectors Standard and Miniature Sizes; Type PCC
PCC-SMP-U-5 OMEGA-PCC-SMP-U-5 Datasheet
714Kb / 1P
Circuit Board Thermocouple Connectors Standard and Miniature Sizes; Type PCC
PCC-SMP-U-5-CE OMEGA-PCC-SMP-U-5-CE Datasheet
714Kb / 1P
Circuit Board Thermocouple Connectors Standard and Miniature Sizes; Type PCC
More results

Similar Description - PCC-SMP-UCB-100-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
THERMOCOUPLE CONNECTORS & ACCESSORIES
PCC-SMP-K ETC2-PCC-SMP-K Datasheet
654Kb / 1P
Circuit Board Thermocouple Connectors
logo
Micropac Industries
66166 MICROPAC-66166 Datasheet
89Kb / 2P
Surface mountable on ceramic or printed circuit board
logo
TE Connectivity Ltd
1210 TEC-1210 Datasheet
211Kb / 7P
PC Board Mountable Pressure Sensor
1210-1PSI TEC-1210-1PSI Datasheet
207Kb / 7P
PC Board Mountable Pressure Sensor
1230 TEC-1230 Datasheet
183Kb / 5P
PC Board Mountable Pressure Sensor
3255A TEC-3255A Datasheet
168Kb / 3P
PC Board Mountable Accelerometer
logo
TT Electronics.
DS3117 TTELEC-DS3117 Datasheet
288Kb / 1P
Thermocouple Connectors
logo
Littelfuse
0PTF0075P LITTELFUSE-0PTF0075P Datasheet
565Kb / 2P
Cartridge Fuse Blocks 0PTF0075P, 0PTF0077P, and 0PTF0078P > Circuit Board Mountable
Revised: BA.07/31/21
100 LITTELFUSE-100 Datasheet
421Kb / 4P
Blade Fuse Block and Clips 100 Series > Circuit Board Mountable
Revised: GD. 05/19/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com