Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95512-R Datasheet(PDF) 37 Page - STMicroelectronics

Part # M95512-R
Description  512 Kbit Serial SPI bus EEPROM with high speed clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-R Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M95512-R Datasheet HTML 31Page - STMicroelectronics M95512-R Datasheet HTML 32Page - STMicroelectronics M95512-R Datasheet HTML 33Page - STMicroelectronics M95512-R Datasheet HTML 34Page - STMicroelectronics M95512-R Datasheet HTML 35Page - STMicroelectronics M95512-R Datasheet HTML 36Page - STMicroelectronics M95512-R Datasheet HTML 37Page - STMicroelectronics M95512-R Datasheet HTML 38Page - STMicroelectronics M95512-R Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
M95512-W, M95512-R
Revision history
37/39
13
Revision history
Table 18.
Document revision history
Date
Revision
Changes
Jan-1999
1.0
Document written
13-Feb-2002
2.0
Document reformatted using the new template
Voltage range -S added, and -R removed
Instruction Sequence illustrations updated
Announcement made of planned upgrade to 10 MHz clock for the 5V, –40
to 85°C, range
05-Dec-
2003
3.0
Table of contents, and Pb-free options added. VIL(min) improved to -0.45V.
Voltage range -R added, and -S removed
02-Apr-2004
4.0
Old versions of document completely replaced by one rewritten from
M95256
03-Jan-2005
5.0
AC and DC characteristics tables updated with the performance data of the
new device identified with the process letter “A”.
Table 1., Product List added. AEC-Q100-002 compliance. Device Grade
information clarified. tHHQX, tCHHL and tCHHH corrected to tHHQV, tCLHL and
tCLHH, respectively.
M95512 part number with 4.5V to 5.5V operating voltage range removed
(related tables removed). Document status changed to Preliminary Data.
30-Jun-2005
6.0
Updated Figure 3: Bus master and memory devices on the SPI bus and
Figure 16: Hold timing. Power On Reset information clarified. Protected
Array Addresses modified in Table 2: Write-Protected block size. Ambient
Operating Temperature value added in Table 6: Absolute maximum ratings.
Supply Current (ICC) value modified for 10 MHz in Table 11: DC
characteristics (M95512-W, device grade 6). All values modified in
Table 14: AC characteristics (M95512-R). Document status changed to
Datasheet.
06-Feb-2007
7
Document reformatted. Packages are ECOPACK® compliant.
10 MHz frequency removed. VCC supply voltage and VSS ground
descriptions added. Figure 3: Bus master and memory devices on the SPI
bus modified and explanatory paragraph added. Power-up and Power On
Reset paragraphs replaced by Section 4.1: Supply voltage (VCC).
Section 7: ECC (Error Correction Code) and Write cycling added.
TA max modified in Table 7: Operating conditions (M95512-W).
Note modified below Table 10: Capacitance.
CL modified in and Table 9: AC measurement conditions.
VIL max and ICC0 test conditions modified in Table 12: DC characteristics
(M95128-R).
ICC modified in Table 11: DC characteristics (M95512-W, device grade 6),
ICC0 added to Table 11 and Table 12: DC characteristics (M95128-R)
modified.
Table 14: AC characteristics (M95512-R) modified.
tSHQZ end timing line moved back in Figure 17: Output timing.
SO8N package specifications updated (see Figure 18 and Table 15).
Blank removed below Plating technology in Table 17: Ordering information
scheme(1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com