Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52806-1010.. Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 52806-1010..
Description  FFC-FPC (Through-Hole)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

52806-1010.. Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  52806-1010.. Datasheet HTML 1Page - Molex Electronics Ltd. 52806-1010.. Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/08/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0528061010
Status:
Active
Overview:
FFC-FPC (Through-Hole)
Description:
1.00mm Pitch Easy-On FFC/FPC Connector, Vertical, Surface Mount Compatible, Non-
ZIF, Kinked PC Tails, 10 Circuits
Documents:
3D Model
Product Specification PS-52806-003-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
52806
Overview
FFC-FPC (Through-Hole)
Product Name
Easy-On
UPC
800753632486
Physical
Actuator Type
Non-ZIF
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Natural
Contact Position
N/A
Durability (mating cycles max)
10
Flammability
94V-0
Mated Height
5.40mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
305.701/mg
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.20mm
PCB Locator
No
PCB Mounting
Through Hole - Kinked Pin
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
1.00mm
Pitch - Termination Interface
1.00mm
Plating min - Mating
0.914µm
Plating min - Termination
0.914µm
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-20° to +80°C
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)
Halogen-Free
Status
Not Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
52806 Series


Similar Part No. - 52806-1010..

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52806-1010 MOLEX5-52806-1010 Datasheet
131Kb / 2P
1.0 FFC CONN. NON Z.I.F DIP ST
More results

Similar Description - 52806-1010..

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039532245 MOLEX3-0039532245 Datasheet
157Kb / 4P
1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 24 Circuits, Lead-free
0039532195 MOLEX3-0039532195 Datasheet
157Kb / 4P
1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 19 Circuits, Lead-free
0039532235 MOLEX3-0039532235 Datasheet
157Kb / 4P
1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 23 Circuits, Lead-free
0039532125 MOLEX3-0039532125 Datasheet
157Kb / 4P
1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 12 Circuits, Lead-free
0039532095 MOLEX3-0039532095 Datasheet
157Kb / 4P
1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 9 Circuits, Lead-free
0039532094 MOLEX3-0039532094 Datasheet
165Kb / 4P
1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Right Angle, ZIF, Top Contact Style
0039532165 MOLEX3-0039532165 Datasheet
157Kb / 4P
1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 16 Circuits, Lead-free
0039532155 MOLEX3-0039532155 Datasheet
157Kb / 4P
1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 15 Circuits, Lead-free
0520300529 MOLEX7-0520300529 Datasheet
137Kb / 2P
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 5Circuits, Lead-free
0520302929 MOLEX7-0520302929 Datasheet
137Kb / 2P
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 29Circuits, Lead-free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com