Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67155-0002.. Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 67155-0002..
Description  CompactFlash™
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

67155-0002.. Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  67155-0002.. Datasheet HTML 1Page - Molex Electronics Ltd. 67155-0002.. Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/04/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
67155-0002
Status:
Active
Overview:
CompactFlash™
Description:
1.27mm Pitch CF Card Header - Low Profile, Right Angle, SMT Top Mount For Type II
Cards, Tray Packaging
Documents:
3D Model
Product Specification PS-67155-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Memory Card Sockets
Series
67155
Component Type
Header/Socket (Host)
Overview
CompactFlash™
Product Name
CompactFlash
Style
Guide and Holder
Type
II
UPC
800753883383
Physical
Card Detection Switch
N/A
Circuits (Loaded)
50
Circuits (maximum)
50
Color - Resin
Natural
Durability (mating cycles max)
10,000
Ejector Button
No
Ejector Button Side
N/A
Entry Angle
90° Angle (Side Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
2738.750/mg
PCB Locator
Yes
PCB Mounting Side
Normal
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface
1.27mm
Ports
1
Temperature Range - Operating
-20°C to +90°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
No
Voltage - Maximum
500V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67155Series
Mates With
67003 , 67114 , Industry Standard CF Card


Similar Part No. - 67155-0002..

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
671550001 MOLEX7-671550001 Datasheet
270Kb / 6P
1.27mm (.050") Pitch CF Card Header - Low Profile, Right Angle, SMT Bottom Mount for Type II Card, Tray Packaging
671550002 MOLEX7-671550002 Datasheet
270Kb / 6P
1.27mm (.050") Pitch CF Card Header - Low Profile, Right Angle, SMT Top Mount ForType II Cards, Tray Packaging
671550004 MOLEX7-671550004 Datasheet
262Kb / 6P
1.27mm (.050") Pitch CF Card Header - Low Profile, Right Angle, SMT Top Mount ForType II Cards, with Mylar, Tape on Reel Packaging
More results

Similar Description - 67155-0002..

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
CompactFlash Card
logo
Hitachi Semiconductor
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
CompactFlash?
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
CompactFlash?
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
CompactFlash Card
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
CompactFlash Header
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
Supports CompactFlash
logo
AAEON Technology
COMPACTFLASH AAEON-COMPACTFLASH Datasheet
626Kb / 1P
CompactFlash??Specification Standard
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
CompactFlash™ Card
2004-05-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com