Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W320FBT70ZASE Datasheet(PDF) 21 Page - Numonyx B.V

Part # M29W320FBT70ZASE
Description  16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W320FBT70ZASE Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M29W320FBT70ZASE Datasheet HTML 17Page - Numonyx B.V M29W320FBT70ZASE Datasheet HTML 18Page - Numonyx B.V M29W320FBT70ZASE Datasheet HTML 19Page - Numonyx B.V M29W320FBT70ZASE Datasheet HTML 20Page - Numonyx B.V M29W320FBT70ZASE Datasheet HTML 21Page - Numonyx B.V M29W320FBT70ZASE Datasheet HTML 22Page - Numonyx B.V M29W320FBT70ZASE Datasheet HTML 23Page - Numonyx B.V M29W320FBT70ZASE Datasheet HTML 24Page - Numonyx B.V M29W320FBT70ZASE Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
M29W160FT, M29W160FB, M29W320FT, M29W320FB
Command interface
21/57
4.9
Erase Suspend command
The Erase Suspend command may be used to temporarily suspend a Block Erase operation
and return the memory to Read mode. The command requires one Bus Write operation.
The Program/Erase controller will suspend within the Erase Suspend Latency time (refer to
Table 6 for value) of the Erase Suspend command being issued. Once the Program/Erase
controller has stopped the memory will be set to Read mode and the Erase will be
suspended. If the Erase Suspend command is issued during the period when the memory is
waiting for an additional block (before the Program/Erase controller starts) then the Erase is
suspended immediately and will start immediately when the Erase Resume command is
issued. It is not possible to select any further blocks to erase after the Erase Resume.
During Erase Suspend it is possible to Read and Program cells in blocks that are not being
erased; both Read and Program operations behave as normal on these blocks. If any
attempt is made to program in a protected block or in the suspended block then the Program
command is ignored and the data remains unchanged. The Status Register is not read and
no error condition is given. Reading from blocks that are being erased will output the Status
Register.
It is also possible to issue the Auto Select, Read CFI Query and Unlock Bypass commands
during an Erase Suspend. The Read/Reset command must be issued to return the device to
Read Array mode before the Resume command will be accepted.
4.10
Erase Resume command
The Erase Resume command must be used to restart the Program/Erase controller from
Erase Suspend. An erase can be suspended and resumed more than once.
4.11
Read CFI Query command
The Read CFI Query command is used to read data from the Common Flash interface (CFI)
memory area. This command is valid when the device is in the Read Array mode, or when
the device is in Auto Select mode.
One Bus Write cycle is required to issue the Read CFI Query command. Once the
command is issued subsequent Bus Read operations read from the Common Flash
interface memory area.
The Read/Reset command must be issued to return the device to the previous mode (the
Read Array mode or Auto Select mode). A second Read/Reset command would be needed
if the device is to be put in the Read Array mode from Auto Select mode.
See Appendix B, Tables 23, 24, 25, 26, 27 and 28 for details on the information contained in
the common flash interface (CFI) memory area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com