Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS340U Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS340U
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340U Datasheet(HTML) 2 Page - STMicroelectronics

  STPS340U_03 Datasheet HTML 1Page - STMicroelectronics STPS340U_03 Datasheet HTML 2Page - STMicroelectronics STPS340U_03 Datasheet HTML 3Page - STMicroelectronics STPS340U_03 Datasheet HTML 4Page - STMicroelectronics STPS340U_03 Datasheet HTML 5Page - STMicroelectronics STPS340U_03 Datasheet HTML 6Page - STMicroelectronics STPS340U_03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STPS340U/S/B
2/7
Symbol
Tests Conditions
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj=25
°CVR =VRRM
20
µA
Tj = 125
°CVR =VRRM
210
mA
VF *
Forward voltage drop
Tj=25
°CIF =3 A
0.63
V
Tj=25
°CIF =6 A
0.84
Tj = 125
°CIF =3A
0.52
0.57
Tj = 125
°CIF =6 A
0.63
0.72
STATIC ELECTRICAL CHARACTERISTICS
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the maximum conduction losses use the following equation :
P=0.42xIF(AV) + 0.050 IF
2
(RMS)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
Fig. 1: Average forward power dissipation versus
average forward current.
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Tamb(°C)
IF(av)(A)
Rth(j-a)=65°C/W
Rth(j-a)=Rth(j-l)
(SMB/SMC)
Rth(j-a)=Rth(j-c)
(DPAK)
T
δ=tp/T
tp
Fig.
2:
Average
current
versus
ambient
temperature
(δ =0.5).
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to leads
SMC
20
°C/W
SMB
25
Rth (j-c)
Junction to case
DPAK
5.5
°C/W
THERMAL RESISTANCES
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com