Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS204 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LS204
Description  HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS204 Datasheet(HTML) 1 Page - STMicroelectronics

  LS204 Datasheet HTML 1Page - STMicroelectronics LS204 Datasheet HTML 2Page - STMicroelectronics LS204 Datasheet HTML 3Page - STMicroelectronics LS204 Datasheet HTML 4Page - STMicroelectronics LS204 Datasheet HTML 5Page - STMicroelectronics LS204 Datasheet HTML 6Page - STMicroelectronics LS204 Datasheet HTML 7Page - STMicroelectronics LS204 Datasheet HTML 8Page - STMicroelectronics LS204 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LS204
HIGH PERFORMANCE
DUAL OPERATIONAL AMPLIFIERS
April 1998
.
LOW POWER CONSUMPTION
.
SHORT CIRCUIT PROTECTION
.
LOW DISTORTION, LOW NOISE
.
HIGH GAIN-BANDWIDTH PRODUCT
.
HIGH CHANNEL SEPARATION
Inve rting Input 2
No n-inve rting Input 2
No n-inve rting Input 1
-
CC
V
1
2
3
4
8
5
6
7
CC
V
+
-
+
-
+
Outp ut 1
Inve rting Input 1
Outp ut
PIN CONNECTIONS (top view)
ORDER CODES
Part Number
Temperature Range
Package
ND
LS204C
0, +70
oC
••
LS204I
-40, +105
oC
••
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
DESCRIPTION
The LS204 is a high performance dual operational
amplifier with frequency and phase compensation
built into the chip. The internal phase compensation
allows stable operation as voltage follower in spite
of its high Gain-Bandwidth Product.
The circuit presents very stable electrical charac-
teristics over the entire supply voltage range, and
is particularlyintended for professional and telecom
applications (active filter, etc).
1/10


Similar Part No. - LS204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204 Datasheet
327Kb / 16P
High performance dual operational amplifier
04-Jun-2008
LS204CD STMICROELECTRONICS-LS204CD Datasheet
327Kb / 16P
High performance dual operational amplifier
04-Jun-2008
LS204CDT STMICROELECTRONICS-LS204CDT Datasheet
327Kb / 16P
High performance dual operational amplifier
04-Jun-2008
LS204CN STMICROELECTRONICS-LS204CN Datasheet
327Kb / 16P
High performance dual operational amplifier
04-Jun-2008
LS204ID STMICROELECTRONICS-LS204ID Datasheet
327Kb / 16P
High performance dual operational amplifier
04-Jun-2008
More results

Similar Description - LS204

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N Datasheet
108Kb / 4P
High-Performance Dual Operational Amplifiers
LA6458M SANYO-LA6458M Datasheet
99Kb / 5P
High-Performance Dual Operational Amplifiers
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
High-Performance Dual Operational Amplifiers
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
High-Performance Dual Operational Amplifiers
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
136Kb / 6P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Dec-2001
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N_12 Datasheet
92Kb / 7P
High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
MC1458ID STMICROELECTRONICS-MC1458ID Datasheet
142Kb / 6P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Dec-2001
MC1458IN STMICROELECTRONICS-MC1458IN Datasheet
142Kb / 6P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Dec-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com