Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ9840 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ9840
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9840 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ9840 Datasheet HTML 17Page - Monolithic Power Systems MPQ9840 Datasheet HTML 18Page - Monolithic Power Systems MPQ9840 Datasheet HTML 19Page - Monolithic Power Systems MPQ9840 Datasheet HTML 20Page - Monolithic Power Systems MPQ9840 Datasheet HTML 21Page - Monolithic Power Systems MPQ9840 Datasheet HTML 22Page - Monolithic Power Systems MPQ9840 Datasheet HTML 23Page - Monolithic Power Systems MPQ9840 Datasheet HTML 24Page - Monolithic Power Systems MPQ9840 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
MPQ9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9840 Rev. 1.02
www.MonolithicPower.com
21
7/1/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MPQ9840 is a synchronous, step-down,
switching regulator with integrated, internal,
high-side and low-side power MOSFETs. The
MPQ9840 provides 3.5A of highly efficient
output current with current mode control.
The MPQ9840 features a wide input voltage
range, switching frequency programmable from
350kHz to 2.5MHz, external soft start, and
precision current limit. Its very low operational
quiescent current makes it suitable for battery-
powered applications.
Pulse-Width Modulation (PWM) Control
At
moderate-to-high
output
currents,
the
MPQ9840 operates in a fixed-frequency, peak-
current-control mode to regulate the output
voltage. A pulse-width modulation (PWM) cycle
is initiated by the internal clock. At the rising
edge of the clock, the high-side power
MOSFET (HS-FET) is turned on and remains
on until its current reaches the value set by the
COMP voltage (VCOMP). If the current in the HS-
FET does not reach VCOMP in one PWM period,
the HS-FET remains on, saving a turn-off
operation.
When the high-side power switch is off, the low-
side
MOSFET
(LS-FET)
is
turned
on
immediately and remains on until the next cycle
begins.
For each turn-on and -off in a switching cycle,
the HS-FET turns on and off with a minimum on
and off time limit.
Advanced Asynchronous Mode (AAM)
The
MPQ9840
employs
advanced
asynchronous mode (AAM) functionality to
optimize efficiency during light-load or no-load
conditions. AAM can be enabled by connecting
SYNC to a low level (<0.4V) before start-up;
CCM can be able when connecting SYNC to a
high level (>1.8V) before start-up. SYNC can be
used to synchronize switching again after start-
up.
If continuous conduction mode (CCM) is
enabled, the device is forced to work with a
fixed frequency regardless of the output load
current. The advantage of CCM is the
controllable frequency and smaller output ripple,
but it also has low efficiency at light load (see
Figure 2).
If AAM is enabled, the MPQ9840 first enters
non-synchronous operation for as long as the
inductor current is approaching zero at light
load. If the load is further decreased or is at no
load, VCOMP drops below the AAM voltage
(VAAM), making the MPQ9840 enter power-save
mode (PSM). This puts the chip into sleep
mode, which consumes very low quiescent
current to further improve light-load efficiency.
In PSM, the internal clock is reset whenever
VCOMP crosses over VAAM, and the crossover
time is taken as the benchmark of the next
clock. When the load increases, and the DC
value of VCOMP is higher than VAAM, the
operation mode is discontinuous conduction
mode (DCM) or CCM, which have a constant
switching frequency.
AAM
(SYNC = Low)
Inductor
Current
t
t
t
Load
Decreased
Forced CCM
(SYNC = High)
Inductor
Current
t
t
t
Load
Decreased
Figure 2 : AAM and Forced CCM
Error Amplifier (EA)
The error amplifier (EA) compares the FB
voltage with the internal reference (0.8V) and
outputs a current proportional to the difference
between the two. This output current is used to
charge or discharge the internal compensation
network to form VCOMP, which is used to control
the power MOSFET current. The optimized
internal compensation network minimizes the
external component count and simplifies the
control loop design.
Bootstrap Charging
The bootstrap capacitor (0.1µF to 1µF) is
charged and regulated to about 5V by the
dedicated internal bootstrap regulator. When
the voltage between the BST and SW nodes is
lower than its regulation, a PMOS pass
transistor connected from VIN to BST is turned
on. The charging current path is from VIN to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com