Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ9840GL-Z Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ9840GL-Z
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9840GL-Z Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ9840GL-Z Datasheet HTML 1Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 2Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 3Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 4Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 5Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 6Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 7Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 8Page - Monolithic Power Systems MPQ9840GL-Z Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MPQ9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9840 Rev. 1.02
www.MonolithicPower.com
4
7/1/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
QFN-16 (3mmx4mm)
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN)....................... -0.3V to 40V
Switch voltage (VSW) .....-0.3V to VIN (MAX) + 0.3V
BST voltage (VBST) ..................... VSW (MAX) + 6.5V
EN voltage (VEN) ............................. -0.3V to 40V
PG voltage ...................................... -0.3V to 40V
BIAS voltage ................................... -0.3V to 20V
All other pins ..................................... -0.3V to 6V
Continuous power dissipation (TA = +25°C) (2)
QFN-16 (3mmx4mm).................................. 2.6W
Junction temperature ................................ 150°C
Lead temperature...................................... 260°C
Storage temperature...................-65°C to 150°C
Recommended Operating Conditions
Supply voltage (VIN)........................ 3.3V to 36V
Operating junction temp. (TJ) (3)
…………………………………..-40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-16 (3mmx4mm)
JESD51-7............................... 48 ...... 11 ...°C/W
Thermal Characterization Parameter (5)
QFN-16 (3mmx4mm)
ΨJT
EV9840-L-00A ……….....….....5.................°C/W
NOTES:
1) Absolute maximum ratings are rated under room temperature
unless otherwise noted. Exceeding these ratings may
damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
produces an excessive die temperature, causing the regulator
to go into thermal shutdown. Internal thermal shutdown
circuitry protects the device from permanent damage.
3) Mission profiles requiring operation above 125°C TJ may be
supported; contact MPS for details.
4) Measured on JESD51-7, 4-layer PCB.
5) Measured on EV9840-L-00A, 6.35cm*6.35cm size, 2oz, 4-
layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com