Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBI5031 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MBI5031
Description  16-Channel PWM-Embedded LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBI5031 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MBI5031 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5031 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5031 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5031 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5031 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5031 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5031 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5031 Datasheet HTML 10Page - List of Unclassifed Manufacturers MBI5031 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MBI5031
16-channel PWM-Embedded LED Driver
March 2006, V1.00
- 7 -
Switching Characteristics (VDD= 5.0V)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
SDI - DCLK↑
tSU0
1
-
-
ns
LE↑ – DCLK↑
tSU1
1
-
-
ns
Setup Time
LE↓ – DCLK↑
tSU2
5
-
-
ns
DCLK↑ - SDI
tH0
3
-
-
ns
Hold Time
DCLK↑ - LE↓
tH1
7.0
-
-
ns
DCLK - SDO
tPD0
15.0
22.0
35.0
ns
GCLK –
n
4
OUT
* tPD1
-
130
-
ns
Propagation Delay Time
LE – SDO**
tPD2**
16.0
24.0
37.0
ns
1
n
4
OUT
+ *
tDL1
-
30.0
-
ns
2
n
4
OUT
+ *
tDL2
-
60.0
-
ns
Stagger Delay Time
3
n
4
OUT
+ *
tDL3
-
90.0
-
ns
LE
tw(L)
5.0
-
-
ns
DCLK
tw(DCLK)
20.0
-
-
ns
Pulse Width
GCLK
tw(GCLK)
125.0
-
-
ns
Output Rise Time of Output Ports
tOR
-
90.0
-
ns
Output Fall Time of Output Ports
tOF
-
70.0
-
ns
Error Detection Minimum Duration
tEDD***
VDD=5.0V
VIH=VDD
VIL=GND
Rext=460Ω
VLED=4.5V
RL=152Ω
CL=10pF
C1=100nF
C2=10μF
-
2.0
-
μ
s
*There will be one GCLK latency at the first PWM output data. Refer to the Timing Waveform, where n=0, 1, 2, 3.
**In timing of “Read Configuration” and “Read Error Status Code”, the next DCLK rising edge should be tPD2 after the
falling edge of LE.
***Refer to Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com