Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110012 Datasheet(PDF) 1 Page - Mueller Electric.

Part # 110012
Description  Variable Prod to Banana Plug Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUELLER [Mueller Electric.]
Direct Link  www.muellerelectric.com
Logo MUELLER - Mueller Electric.

110012 Datasheet(HTML) 1 Page - Mueller Electric.

  110012 Datasheet HTML 1Page - Mueller Electric.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
2850 Gilchrist Rd. Bld 5A
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44305
Fax: 330.780.2524
110012
(Variable Prod to Banana Plug Package)
• Mueller’s 110012 is a packaged kit that contains:
o (1) BU-2643-D-48-0 test lead, black
o (1) BU-2643-D-48-2 test lead, red
• For more details about each part number, refer to their respective
datasheets.
• RoHS 3 compliant


Similar Part No. - 110012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
110012 ETC2-110012 Datasheet
33Kb / 1P
Packaged part Bulk part
More results

Similar Description - 110012

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1368 POMONA-1368 Datasheet
39Kb / 1P
Double Banana Plug To Single Banana Plug Breakouts
2138 POMONA-2138 Datasheet
21Kb / 1P
Standard Banana Jack To Miniature Banana Plug
2477 POMONA-2477 Datasheet
25Kb / 1P
Miniature Banana Jack To Standard Banana Plug Adapter
3014 POMONA-3014 Datasheet
26Kb / 1P
Stacking Banana Plug To Miniature Stacking Banana Plug
4702 POMONA-4702 Datasheet
40Kb / 1P
Banana Plug To In-Line Banana Jack
logo
List of Unclassifed Man...
BU-2241-D-48-0 ETC2-BU-2241-D-48-0 Datasheet
64Kb / 1P
Multiple Feature Test Prod to Right Angle Shrouded Banana Plug
BU-2641-D-48-0 ETC2-BU-2641-D-48-0 Datasheet
70Kb / 1P
Multiple Feature Test Prod to Unshrouded Banana Plug
BU-2741-D-48-0 ETC2-BU-2741-D-48-0 Datasheet
64Kb / 1P
Multiple Feature Test Prod to Unshrouded Right Angle Banana Plug
BU-6162-M-72-0 ETC2-BU-6162-M-72-0 Datasheet
65Kb / 1P
Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
Insulated Banana Jack To Standard Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com