Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W160ECT90N6F Datasheet(PDF) 49 Page - Numonyx B.V

Part # M28W160ECT90N6F
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W160ECT90N6F Datasheet(HTML) 49 Page - Numonyx B.V

Back Button M28W160ECT90N6F Datasheet HTML 42Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 43Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 44Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 45Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 46Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 47Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 48Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 49Page - Numonyx B.V M28W160ECT90N6F Datasheet HTML 50Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
49/50
M28W160ECT, M28W160ECB
REVISION HISTORY
Table 33. Document Revision History
Date
Version
Revision Details
21-Nov-2002
1.0
First Issue
18-Feb-2004
2.0
S packing option added to Table 21., Ordering Information Scheme and Table
22., Daisy Chain Ordering Scheme.
Document Status promoted from Target Specification to Preliminary Data.
1-July-2004
3.0
Datasheet status updated to “Full Datasheet”.
Lead-free package options added in FEATURES SUMMARY, SIGNAL
DESCRIPTIONS, Table 11., Absolute Maximum Ratings and PART NUMBERING
sections.
Tape & Reel Packing options updated in Table 21., Ordering Information Scheme
and Table 22., Daisy Chain Ordering Scheme
5-Aug-2004
4.0
Table 21., Ordering Information Scheme and Table 22., Daisy Chain Ordering
Scheme updated.
16-Nov-2004
5.0
U packing option added in Table 21., Ordering Information Scheme.
01-Dec-2005
6
ECOPACK text updated.
Main Block Erase time and Parameter Block Erase time updated in Table
7., Program, Erase Times and Program/Erase Endurance Cycles. Note: 1. and 2.
added.
Figure 13., TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, Package
Outline and Table 19., TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm,
Package Mechanical Data updated.
26-Mar-2008
7
Applied Numonyx branding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com