Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS204I Datasheet(PDF) 3 Page - STMicroelectronics

Part # LS204I
Description  HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS204I Datasheet(HTML) 3 Page - STMicroelectronics

  LS204I Datasheet HTML 1Page - STMicroelectronics LS204I Datasheet HTML 2Page - STMicroelectronics LS204I Datasheet HTML 3Page - STMicroelectronics LS204I Datasheet HTML 4Page - STMicroelectronics LS204I Datasheet HTML 5Page - STMicroelectronics LS204I Datasheet HTML 6Page - STMicroelectronics LS204I Datasheet HTML 7Page - STMicroelectronics LS204I Datasheet HTML 8Page - STMicroelectronics LS204I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (VCC =
±15V, Tamb = 25oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
LS204I
LS204C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
ICC
Supply Current
0.7
1.2
0.8
1.5
mA
Iib
Input Bias Current
50
150
100
300
nA
Tmin. <Top <Tmax.
300
700
nA
Ri
Input Resistance
f = 1kHz
1
1
M
Ω
Vio
Input Offset Voltage
Rs
≤ 10kΩ
0.5
2.5
0.5
3.5
mV
Rs
≤ 10kΩ
Tmin.< Top <Tmax.
3.5
5
mV
DVio
Input Offset Voltage Drift
Rs
≤ 10kΩ
Tmin.< Top <Tmax.2
2
µV/oC
Iio
Input Offset Current
5
20
12
50
nA
Tmin.< Top <Tmax.
40
100
nA
DIio
Input Offset Current Drift
Tmin.< Top <Tmax.
0.08
0.1
nA
°C
Ios
Output Short Circuit Current
23
23
mA
Avd
Large Signal Voltage Gain
Tmin.< Top <Tmax.
RL =2k
Ω VCC = ±15V
VCC =
±4V
90
100
95
86
100
95
dB
GBP
Gain-Bandwidth Product
f = 100kHz
1.8
3
1.5
2.5
MHz
en
Equivalent Input Noise Voltage
f = 1kHz
Rs =50
Ω
Rs =1k
Ω
Rs = 10k
Ω
8
10
18
15
10
12
20
nV
√
Hz
THD
Total Harmonic Distortion
AV = 20dB RL =2k
Ω
VO =2VPP f = 1kHz
0.03
0.1
0.03
0.1
%
±Vopp
Output Voltage Swing
RL =2k
Ω VCC = ±15V
VCC =
±4V
±13
±3
±13
±3
V
Vopp
Large Signal Voltage Swing
RL = 10k
Ω f = 10kHz
28
28
VPP
SR
Slew Rate
Unity Gain, RL =2k
Ω
0.8
1.5
1
V/
µs
CMR
Common Mode Rejection Ratio
Vic = 10V
Tmin.< Top <Tmax.90
86
dB
SVR
Supply Voltage Rejection Ratio
Vic = 1V
f = 100Hz
Tmin.< Top <Tmax.90
86
dB
VO1/VO2
Channel Separation
f = 1kHz
100
120
120
dB
LS204
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com