Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M14256 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M14256
Description  Memory Card IC 256/128 Kbit Serial I²C Bus EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M14256 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M14256 Datasheet HTML 2Page - STMicroelectronics M14256 Datasheet HTML 3Page - STMicroelectronics M14256 Datasheet HTML 4Page - STMicroelectronics M14256 Datasheet HTML 5Page - STMicroelectronics M14256 Datasheet HTML 6Page - STMicroelectronics M14256 Datasheet HTML 7Page - STMicroelectronics M14256 Datasheet HTML 8Page - STMicroelectronics M14256 Datasheet HTML 9Page - STMicroelectronics M14256 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M14256, M14128
6/12
Figure 6. Write Mode Sequences with WC=0
BYTE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
BYTE ADDR
DATA IN 1
WC
DATA IN 2
AI01106B
PAGE WRITE
(cont'd)
WC (cont'd)
DATA IN N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK
Table 6. Operating Modes
Note: 1. X =
VIH or VIL.
Mode
RW bit
WC 1
Bytes
Initial Sequence
Current Address Read
‘1’
X
1
START, Device Select, RW = ‘1’
Random Address Read
‘0’
X
START, Device Select, RW = ‘0’, Address
‘1’
X
1
reSTART, Device Select, RW = ‘1’
Sequential Read
‘1’
X
≥ 1
Similar to Current or Random Mode
Byte Write
‘0’
VIL
1
START, Device Select, RW = ‘0’
Page Write
‘0’
VIL
≤ 64
START, Device Select, RW = ‘0’
byte or page write mode, the generation by the
master of the STOP condition starts the internal
memory program cycle. This STOP condition trig-
gers an internal memory program cycle only if the
STOP condition is internally decoded immediately
after the ACK bit; any STOP condition decoded
out of this "10th bit" time slot will not trigger the in-
ternal programming cycle. All inputs are disabled
until the completion of this cycle and the Memory
will not respond to any request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com