Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33897AEF/R2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC33897AEF/R2
Description  Single Wire CAN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33897AEF/R2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33897AEF/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33897AEF/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33897AEF/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33897AEF/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33897AEF/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33897AEF/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33897AEF/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33897AEF/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33897AEF/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33897/A/B/C/D/T
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions of -40
°C ≤ T
A ≤ 125°C, unless otherwise stated. Voltages are relative to GND unless
otherwise noted. All positive currents are into the terminal. All negative currents are out of the terminal.
Characteristic
Symbol
Min
Typ
Max
Unit
BUS
Normal Speed Rising Output Delay
200
Ω ≤ R
L ≤ 3332 Ω, 1.0 µs ≤ Load Time Constants ≤ 4.0 µs
Measured from TXD = VIL to VBUS as follows:
Max Time to VBUSMOD = 3.7 V, 6.0 V ≤ VBATT ≤ 26.5 V
(12)
Min Time to VBUSMOD = 1.0 V, 6.0 V ≤ VBATT ≤ 26.5 V
(12)
Max Time to VBUSMOD = 2.7 V, VBATT = 5.0 V
(12)
Min Time to VBUSMOD = 1.0 V, VBATT = 5.0 V
(12)
tDLYNORMRO
2.0
–
6.3
µs
Normal Speed Falling Output Delay
200
Ω ≤ R
L ≤ 3332 Ω, 1.0 µs ≤ Load Time Constants ≤ 4.0 µs
Measured from TXD = VIH to VBUS as follows:
Max Time to VBUSMOD = 1.0 V, 6.0 V ≤ VBATT ≤ 26.5 V
(12)
Min Time to VBUSMOD = 3.7 V, 6.0 V ≤ VBATT ≤ 26.5 V
(12)
Max Time to VBUSMOD = 1.0 V, VBATT = 5.0 V
(12)
Min Time to VBUSMOD = 2.7 V, VBATT = 5.0 V
(12)
tDLYNORMFO
1.8
–
8.5
µs
High-Speed Rising Output Delay
75
Ω ≤ R
L ≤ 135 Ω, 0.0 µs ≤ Load Time Constants ≤ 1.5 µs,
8.0 V
≤ V
BATT ≤ 16 V
Measured from TXD = VIL to VBUS as follows:
Max Time to VBUS = 3.7 V
(13)
Min Time to VBUS = 1.0 V
(13)
tDLYHSRO
0.1
–
1.7
µs
High-Speed Falling Output Delay
75
Ω ≤ R
L ≤ 135 Ω, 0.0 µs ≤ Load Time Constants ≤ 1.5 µs,
8.0 V
≤ V
BATT ≤ 16 V
Measured from TXD = VIH to VBUS as follows:
Max Time to VBUS = 1.0 V
(13)
Min Time to VBUS = 3.7 V
(13)
tDLYHSFO
0.04
–
3.0
µs
Notes
12.
VBUSMOD is the voltage at the BUSMOD node in Figure 7, page 15.
13.
VBUS is the voltage at the BUS terminal in Figure 8, page 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com