Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC143 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PDTC143
Description  50 V, 100 mA NPN resistor-equipped transistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PDTC143 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PDTC143/114/124/144EQB-Q
series
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 — 1 October 2021
Product data sheet
1. General description
100 mA NPN Resistor-Equipped Transistor (RET) family in an ultra small DFN1110D-3 (SOT8015)
leadless Surface-Mounted Device (SMD) plastic package with side-wettable flanks.
Table 1. Product overview
R1
R2
Package
Type number
kΩ
kΩ
Nexperia
JEDEC
PNP complement:
PDTC143EQB-Q
4.7
4.7
PDTA143EQB-Q
PDTC114EQB-Q
10
10
PDTA114EQB-Q
PDTC124EQB-Q
22
22
PDTA124EQB-Q
PDTC144EQB-Q
47
47
SOT8015
MO-340BA
PDTA144EQB-Q
2. Features and benefits
• 100 mA output current capability
• Built-in resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Low package height of 0.5 mm
• Suitable for Automatic Optical Inspection (AOI) of solder joint
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
• Digital applications
• Cost saving alternative for BC847-Q series in digital applications
• Controlling IC inputs
• Switching loads
4. Quick reference data
Table 2. Quick reference data
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA


Similar Part No. - PDTC143

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC143 NEXPERIA-PDTC143 Datasheet
2Mb / 21P
50 V, 100 mA NPN resistor-equipped transistors
PDTC143 NEXPERIA-PDTC143 Datasheet
326Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143 NEXPERIA-PDTC143 Datasheet
331Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
logo
NXP Semiconductors
PDTC143E PHILIPS-PDTC143E Datasheet
65Kb / 8P
NPN resistor-equipped transistor
1998 Jul 31
PDTC143E NXP-PDTC143E Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
More results

Similar Description - PDTC143

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC143XQA NEXPERIA-PDTC143XQA Datasheet
2Mb / 22P
50 V, 100 mA NPN resistor-equipped transistors
PDTC143EQB-Q_SER NEXPERIA-PDTC143EQB-Q_SER Datasheet
327Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143EQB_SER NEXPERIA-PDTC143EQB_SER Datasheet
326Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143EQC-Q_SER NEXPERIA-PDTC143EQC-Q_SER Datasheet
331Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143EQC_SER NEXPERIA-PDTC143EQC_SER Datasheet
330Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQA_SER NEXPERIA-PDTC143XQA_SER Datasheet
2Mb / 22P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 30 October 2015
PDTC143XQB-Q_SER NEXPERIA-PDTC143XQB-Q_SER Datasheet
363Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQB_SER NEXPERIA-PDTC143XQB_SER Datasheet
362Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQC-Q_SER NEXPERIA-PDTC143XQC-Q_SER Datasheet
366Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQC_SER NEXPERIA-PDTC143XQC_SER Datasheet
365Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com