Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

915744900 Datasheet(PDF) 4 Page - AUER Signal GmbH

Part # 915744900
Description  Modul-Compete 50 modular Signal tower
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

915744900 Datasheet(HTML) 4 Page - AUER Signal GmbH

  915744900 Datasheet HTML 1Page - AUER Signal GmbH 915744900 Datasheet HTML 2Page - AUER Signal GmbH 915744900 Datasheet HTML 3Page - AUER Signal GmbH 915744900 Datasheet HTML 4Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Modul-Compete 50 Order numbers
liGhT MODU leS
SOUnD MODUleS
Modul-Compete 50
Type
Product
orange
red
clear
blue
green
yellow
CT5DC
LED continuous light module
915 011 005
915 012 005
915 014 005
915 015 005
915 016 005
915 017 005
CT5DF
LED multifunctional module
915 021 005
915 022 005
915 024 005
915025005
915 026 005
915 027 005
Type
Product
Description
Article number
CT5SK
Screw set for external tube mounting
two mounting screws and one seal for external tube
mounting of the base CT5MW
915 710 910
CT5BR
Metal bracket for external cable insertion
for use with base CT5NPT and cable connection CKV as cable relief
915 735 900
WM22
Metal bracket for products with M22 mounting thread for base CT5MC5 and M22 products
812 100 900
XWR
Plastic bracket for vertical mounting of tubes
with a plastic base
for all tubes with a plastic base, incl. mounting screws
900 600 900
BDW
Junction box for horizontal mounting,
M20, incl. mounting screws
for all tubes with a plastic base, for lateral cable insertion
841 501 900
BDV
Junction box for vertical mounting, M20
for all tubes with plastic base, for lateral cable insertion,
separate screw set to match signal tower
841 511 900
BDM
Junction box for magnet mounting, M20
for all tubes with plastic base, for lateral cable insertion,
separate screw set to match signal tower
841 521 900
SKE
Screw set for junction boxes
for mounting of PC7, CT5, ECO70/60/40 and Compact70
tube feet on BDV and BDM junction boxes
841 000 900
CKV
Cable connection NPT 1/2“
for use with CT5NPT
698 800 045
acceSSORieS
Type
Product
Description
Article number
CT5ZM
Top Piezo Summer Module
one of eight tones can be selected with a dip switch
915 510 005
CT5SK
CT5BR
WM22
XWR
BDW
BDV
BDM
Type
Product
Description
Article number
CT5MW
Base for horizontal and external tube mounting suitable for Ø 25mm tubes
915 710 900
CT5MC5 Base with integrated M12 five-pin connector
915 781 005
CT5NPT
Base for NPT 1/2“ conduit mounting
915 715 900
CT5MV
Base for vertical mounting
with closed cable insertion
915 730 900
CT5KR1
Tube base on 100 mm plastic tube with integrated foot
915 742 910
CT5MR2 Tube base on 250 mm aluminium tube with plastic foot
915 743 900
CT5MR3 Tube base on 400 mm aluminium tube with plastic foot
915 744 900
BaSeS
CT5NPT
CT5MC5
CT5MW
CT5MV
CT5KR1
CT5MR
M O D U l aR S i Gnal TOWe R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com