Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7909CT Datasheet(PDF) 13 Page - ON Semiconductor

Part # LM7909CT
Description  3-Terminal 1 A Negative Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7909CT Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LM7909CT Datasheet HTML 9Page - ON Semiconductor LM7909CT Datasheet HTML 10Page - ON Semiconductor LM7909CT Datasheet HTML 11Page - ON Semiconductor LM7909CT Datasheet HTML 12Page - ON Semiconductor LM7909CT Datasheet HTML 13Page - ON Semiconductor LM7909CT Datasheet HTML 14Page - ON Semiconductor LM7909CT Datasheet HTML 15Page - ON Semiconductor LM7909CT Datasheet HTML 16Page - ON Semiconductor LM7909CT Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA79XX / KA79XXA / LM79XX Rev. 1.1.1
12
Electrical Characteristics (KA7912A)
(VI = -19 V, IO = 500 mA, 0°C ≤ TJ ≤ +125°C, CI = 2.2 μF, CO =1 μF; unless otherwise specified.)
Note:
12. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
-11.75
-12.00
-12.25
V
IO = 5 mA to 1 A, PO ≤ 15 W,
VI = -15.5 V to -27 V
-11.50
-12.00
-12.50
ΔVO
Line Regulation(12)
TJ = +25°C
VI = -14.5 V to -27 V,
Io = 1 A
12
120
mV
VI= -16 V to -22 V,
Io = 1 A
660
VI = -14.8 V to -30 V
12
120
VI = -16 V to -22 V, Io = 1 A
12
120
ΔVO
Load Regulation(12)
TJ = +25°C, IO = 5 mA to 1.5 A
12
150
mV
TJ = +25°C, IO = 250 mA to 750 mA
4
75
IQ
Quiescent Current
TJ = +25°C3
6
mA
ΔIQ
Quiescent Current
Change
IO = 5 mA to 1 A
0.05
0.50
mA
VI = -15 V to -30 V
0.10
1.00
ΔVo/ΔT
Temperature Coefficient
of VD
IO = 5 mA
-0.8
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz, TA = +25°C200
μV
RR
Ripple Rejection
f = 120 Hz,
ΔVI = 10 V
54
60
dB
VD
Dropout Voltage
TJ = +25°C, IO = 1 A
2
V
ISC
Short-Circuit Current
TJ = +25°C, VI = -35 V
300
mA
IPK
Peak Current
TJ = +25°C2.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com