Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVL10FL113 Datasheet(PDF) 2 Page - E-SWITCH

Part # PVL10FL113
Description  PVL Series Pilot Indicator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVL10FL113 Datasheet(HTML) 2 Page - E-SWITCH

  PVL10FL113 Datasheet HTML 1Page - E-SWITCH PVL10FL113 Datasheet HTML 2Page - E-SWITCH PVL10FL113 Datasheet HTML 3Page - E-SWITCH PVL10FL113 Datasheet HTML 4Page - E-SWITCH PVL10FL113 Datasheet HTML 5Page - E-SWITCH PVL10FL113 Datasheet HTML 6Page - E-SWITCH PVL10FL113 Datasheet HTML 7Page - E-SWITCH PVL10FL113 Datasheet HTML 8Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.e-switch.com
800.867.2717
2
PVL Series Pilot Indicator
PVL06
Body Dimensions
PVL08
SHEET OF
1
7
8/21/2019
PVL Catalog Drawing
-
+
-
+
2
1
MAX. PANEL THICKNESS 6.0 [.24 in]
PVL06+08
+
-
+
-
2
1
MAX. PANEL THICKNESS 6.0 [.24 in]
1
2
1
1
2
1
M6 X 0.5
THREAD
3.00
[.118 in]
7.00
[.276 in]
6.20
[.244 in]
ILLUMINATED
2.10
[.083 in]
ILLUMINATED
9.50
[.374 in]
5.00
[.197 in]
M8 X 0.75
THREAD
1.50
[.059 in]
2.80
[.110 in]
29.50
[1.161 in]
3.00
[.118 in]
.80
[.031 in]
8.20
[.323 in]
2.00
[.079 in]
.50
[.020 in]
34.50
[1.358 in]
1.00
[.039 in]
Recommended Panel Cutout
Schematic
Recommended Panel Cutout
Schematic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com